Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 20 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 20 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 16Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 17Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 18Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 19Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 20Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 21Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 22Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 23Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
»
¼
º
«
¬
ª
˜
V
1
V
V
1
R
R
OUT
FBT
FBB
20
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
16V X7R capacitors used : C3225X7R1C226M250AC (TDK)
(3)
In addition, a feed-forward capacitor CFF may be required to optimize the transient response. For output voltages
greater than 6 V, the WEBENCH Design Tool can be used to optimize the design. Recommended CFF values for
some cases are given in the table below. It is important to note that these values provide a first approximation
only and need to be verified for each application by the designer.
Table 3. Recommended CFFcapacitors
VOUT
COUT (nominal)
(1)
L
RFBT
RFBB
CFF
3.2V
44µF
2.2µH
69.8kΩ
31.6kΩ
33pF
3.2V
110µF
2.2µH
69.8kΩ
31.6kΩ
120pF
5.1V
44µF
2.2µH
80.6kΩ
19.6kΩ
33pF
5.1V
110µF
2.2µH
80.6kΩ
19.6kΩ
220pF
8V
66µF
4.7µH
86.6kΩ
12.4kΩ
120pF
8V
100µF
4.7µH
86.6kΩ
12.4kΩ
220pF
10V
66µF
4.7µH
90.9kΩ
10.0kΩ
120pF
9.2.1.2.2
Output Capacitors
The LM53603 is designed to work with low-ESR ceramic capacitors. The effective value of these capacitors is
defined as the actual capacitance under voltage bias and temperature. All ceramic capacitors have a large
voltage coefficient, in addition to normal tolerances and temperature coefficients. Under DC bias, the capacitance
value drops considerably. Larger case sizes or higher voltage capacitors are better in this regard. To help
mitigate these effects, multiple small capacitors can be used in parallel to bring the minimum effective
capacitance up to the desired value. This can also ease the RMS current requirements on a single capacitor.
Table 4 shows the nominal and minimum values of total output capacitance recommended for the LM53603. The
values shown also provide a starting point for other output voltages, when using the ADJ option. Also shown are
the measured values of effective capacitance for the indicated capacitor. More output capacitance can be used
to improve transient performance and reduce output voltage ripple.
In practice, the output capacitor has the most influence on the transient response and loop phase margin. Load
transient testing and Bode plots are the best way to validate any given design, and should always be completed
before the application goes into production. A careful study of temperature and bias voltage variation of any
candidate ceramic capacitor should be made to ensure that the minimum value of effective capacitance is
provided. The best way to obtain an optimum design is to use the Texas Instruments WEBENCH Design Tool.
In ADJ applications the feed-forward capacitor, CFF, provides another degree of freedom when stabilizing and
optimizing the design. Application report Optimizing Transient Response of Internally Compensated dc-dc
Converters With Feedforward Capacitor (SLVA289) should prove helpful when adjusting the feed-forward
capacitor.
In addition to the capacitance shown in Table 4, a small ceramic capacitor placed on the output can help to
reduce high frequency noise. Small case size ceramic capacitors in the range of 1 nF to 100 nF can be very
helpful in reducing spikes on the output caused by inductor parasitics.
The maximum value of total output capacitance should be limited to between 300 µF and 400 µF. Large values
of output capacitance can prevent the regulator from starting-up correctly and adversely effect the loop stability. If
values in the range given above, or greater, are to be used, then a careful study of start-up at full load and loop
stability must be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com