Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 17Page - Microchip Technology USB3450 Datasheet HTML 18Page - Microchip Technology USB3450 Datasheet HTML 19Page - Microchip Technology USB3450 Datasheet HTML 20Page - Microchip Technology USB3450 Datasheet HTML 21Page - Microchip Technology USB3450 Datasheet HTML 22Page - Microchip Technology USB3450 Datasheet HTML 23Page - Microchip Technology USB3450 Datasheet HTML 24Page - Microchip Technology USB3450 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002105A-page 21
USB3450
6.0
APPLICATION NOTES
The following sections consist of select functional explanations to aid in implementing the USB3450 into a system. For
complete description and specifications consult the Hi-Speed Transceiver Macrocell Interface Specification and Univer-
sal Serial Bus Specification Revision 2.0.
6.1
Linestate
The voltage thresholds that the LINESTATE[1:0] signals use to reflect the state of DP and DM depend on the state of
XCVRSELECT. LINESTATE[1:0] uses HS thresholds when the HS transceiver is enabled (XCVRSELECT = 0) and FS
thresholds when the FS transceiver is enabled (XCVRSELECT = 1). There is not a concept of variable single-ended
thresholds in the Hi-Speed specification for HS mode.
The HS receiver is used to detect Chirp J or K, where the output of the HS receiver is always qualified with the Squelch
signal. If squelched, the output of the HS receiver is ignored. In the USB3450, as an alternative to using variable thresh-
olds for the single-ended receivers, the following approach is used.
In HS mode, 3ms of no USB activity (IDLE state) signals a reset. The Link monitors LINESTATE[1:0] for the IDLE state.
To minimize transitions on LINESTATE[1:0] while in HS mode, the presence of Squelch is used to force LINESTATE[1:0]
to a J state.
6.2
OPMODES
The OPMODE[1:0] pins allow control of the operating modes.
The OPMODE[1:0] signals are normally changed only when the transmitter and the receiver are quiescent, i.e. when
entering a test mode or for a device initiated resume.
When using OPMODE[1:0] = 10 the SYNC and EOP patterns are not transmitted.
TABLE 6-1:
LINESTATE STATES
State of DP/DM Lines
Linestate[1:0]
Full Speed
XCVRSELECT =1
TERMSELECT=1
High Speed
XCVRSELECT =0
TERMSELECT=0
Chirp Mode
XCVRSELECT =0
TERMSELECT=1
LS[1]
LS[0]
0
0
SE0
Squelch
Squelch
0
1
J
Squelch
Squelch &
HS Diff. Receiver Output
1
0
K
Invalid
Squelch &
HS Diff. Receiver Output
1
1
SE1
Invalid
Invalid
TABLE 6-2:
OPERATIONAL MODES
Mode[1:0]
State#
State Name
Description
00
0
Normal Operation
Transceiver operates with normal USB data encoding and
decoding
01
1
Non-Driving
Allows the transceiver logic to support a soft disconnect feature
which tri-states both the HS and FS transmitters, and removes
any termination from the USB making it appear to an upstream
port that the device has been disconnected from the bus
10
2
Disable Bit Stuffing
and NRZI encoding
Disables bitstuffing and NRZI encoding logic so that 1's loaded
from the DATA bus become 'J's on the DP/DM and 0's become
'K's
11
3
Reserved
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com