Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 19Page - Microchip Technology USB3450 Datasheet HTML 20Page - Microchip Technology USB3450 Datasheet HTML 21Page - Microchip Technology USB3450 Datasheet HTML 22Page - Microchip Technology USB3450 Datasheet HTML 23Page - Microchip Technology USB3450 Datasheet HTML 24Page - Microchip Technology USB3450 Datasheet HTML 25Page - Microchip Technology USB3450 Datasheet HTML 26Page - Microchip Technology USB3450 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002105A-page 23
USB3450
6.6
Suspend Detection
If a HS device detects SE0 asserted on the bus for more than 3ms (T1), it reverts to FS mode. This enables the FS pull-
up on the DP line in an attempt to assert a continuous FS J state on the bus. The Link must then check LINESTATE for
the J condition. If J is asserted at time T2, then the upstream port is asserting a soft SE0 and the USB is in a J state
indicating a suspend condition. By time T4 the device must be fully suspended.
TABLE 6-4:
RESET TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
Bus activity ceases, signaling either a reset or
a SUSPEND.
0 (reference)
T1
Earliest time at which the device may place
itself in FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0 +
3.125ms
T2
Link samples LINESTATE. If LINESTATE =
SE0, then the SE0 on the bus is due to a Reset
state. The device now enters the HS Detection
Handshake protocol.
T1 + 100µs < T2 <
T1 + 875µs
FIGURE 6-2:
SUSPEND TIMING BEHAVIOR (HS MODE)
TABLE 6-5:
SUSPEND TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
End of last bus activity, signaling either a reset
or a SUSPEND.
0 (reference)
T1
The time at which the device must place itself in
FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0
+ 3.125ms
T2
Link samples LINESTATE. If LINESTATE = 'J',
then the initial SE0 on the bus (T0 - T1) had
been due to a Suspend state and the Link
remains in HS mode.
T1 + 100 µs < T2 <
T1 + 875µs
T3
The earliest time where a device can issue
Resume signaling.
HS Reset T0 + 5ms
T4
The latest time that a device must actually be
suspended, drawing no more than the suspend
current from the bus.
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com