Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 4Page - Microchip Technology USB3450 Datasheet HTML 5Page - Microchip Technology USB3450 Datasheet HTML 6Page - Microchip Technology USB3450 Datasheet HTML 7Page - Microchip Technology USB3450 Datasheet HTML 8Page - Microchip Technology USB3450 Datasheet HTML 9Page - Microchip Technology USB3450 Datasheet HTML 10Page - Microchip Technology USB3450 Datasheet HTML 11Page - Microchip Technology USB3450 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
USB3450
DS00002105A-page 8
2005 - 2016 Microchip Technology Inc.
14
OPMODE[1]
Input
N/A
Operational Mode. These signals select between the
various operational modes:
[1]
[0]
Description
0
0
0: Normal Operation
0
1
1: Non-driving (all terminations removed)
1
0
2: Disable bit stuffing and NRZI encoding
1
1
3: Reserved
15
OPMODE[0]
Input
N/A
16
CLKOUT
Output,
CMOS
N/A
60MHz reference clock output. All UTMI+ signals are
driven synchronous to this clock.
17
LINESTATE[1]
Output
N/A
Line State. These signals reflect the current state of
the USB data bus in FS mode. Bit [0] reflects the state
of DP and bit [1] reflects the state of DM. When the
device is suspended or resuming from a suspended
state, the signals are combinatorial. Otherwise, the
signals are synchronized to CLKOUT.
[1]
[0]
Description
0
0
0: SEO
0
1
1: J State
1
0
2: K State
1
1
3: SE1
18
LINESTATE[0]
Output
N/A
19
VDD1.8
N/A
N/A
1.8V regulator output for digital circuitry on chip. Place
a 0.1uF capacitor near this pin and connect the
capacitor from this pin to ground. Connect pin 19 to
pin 34.
20
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for Hi-Speed
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
21
HOSTDISC
Output
High
Host Disconnect. Indicates that a downstream device
has been disconnected from this host PHY when
operating in HS host mode. Automatically reset to 0b
when Low Power Mode is entered.
22
DATA[7]
I/O,
CMOS,
Pull-low
N/A
8-bit bi-directional data bus. Data[7] is the MSB and
Data[0] is the LSB.
23
DATA[6]
I/O,
CMOS,
Pull-low
N/A
24
DATA[5]
I/O,
CMOS,
Pull-low
N/A
25
DATA[4]
I/O,
CMOS,
Pull-low
N/A
26
DATA[3]
I/O,
CMOS,
Pull-low
N/A
27
DATA[2]
I/O,
CMOS,
Pull-low
N/A
28
DATA[1]
I/O,
CMOS,
Pull-low
N/A
29
DATA[0]
I/O,
CMOS,
Pull-low
N/A
TABLE 2-1:
USB3450 PIN DEFINITIONS (CONTINUED)
Pin
Name
Direction,
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com