Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 1 Page - Microchip Technology

  USB3450 Datasheet HTML 1Page - Microchip Technology USB3450 Datasheet HTML 2Page - Microchip Technology USB3450 Datasheet HTML 3Page - Microchip Technology USB3450 Datasheet HTML 4Page - Microchip Technology USB3450 Datasheet HTML 5Page - Microchip Technology USB3450 Datasheet HTML 6Page - Microchip Technology USB3450 Datasheet HTML 7Page - Microchip Technology USB3450 Datasheet HTML 8Page - Microchip Technology USB3450 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002105A-page 1
Highlights
• USB-IF “Hi-Speed” certified to the Universal Serial
Bus Specification Rev. 2.0
• Interface compliant with the UTMI+ Specification,
Rev. 1.0
• Functional as a host or device PHY
• Supports HS, FS, and LS data rates
• Supports FS pre-amble for FS hubs with a LS
device attached (UTMI+ Level 3)
• Supports HS SOF and LS keep alive pulse
• Low Latency Hi-Speed Receiver (43 Hi-Speed
clocks Max)
• Internal 1.8 volt regulators allow operation from a
single 3.3 volt supply
• Internal short circuit protection of DP and DM
lines to VBUS or ground
• Integrated 24MHz Crystal Oscillator supports
either crystal operation or 24MHz external clock
input
• Internal PLL for 480MHz Hi-Speed USB operation
• Supports Hi-Speed USB and legacy USB 1.1
devices
• 55mA Unconfigured Current (typical) - ideal for
bus powered applications
• 83uA suspend current (typical) - ideal for battery
powered applications
• Full Commercial operating temperature range
from 0
C to +70C
• 40 pin QFN RoHS compliant package
(6 x 6 x 0.9mm height)
Functional Overview
The USB3450 is a highly integrated USB transceiver
system. It contains a complete Hi-Speed PHY with the
UTMI+ industry standard interface to support fast time
to market for a USB controller. The USB3450 is com-
posed of the functional blocks shown below.
USB3450 Block Diagram
UTMI+
Digital
24 MHz
XTAL
Internal
Regulator &
POR
Bias
Gen.
XCVRSEL[1:0]
VDD3.3
XTAL &
PLL
VDD3.3
DP
DM
USB3450
RBIAS
Mini-AB
USB
Connector
HS XCVR
FS/LS
XCVR
Resistors
TERMSEL
TXREADY
SUSPENDN
TXVALID
RESET
RXACTIVE
OPMODE[1:0]
CLKOUT
LINESTATE[1:0]
HOSTDISC
DATA[7:0]
HOST
RXERROR
USB3450
Hi-Speed USB Host or Device PHY With UTMI+ Interface


Similar Part No. - USB3450

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3450-FZG SMSC-USB3450-FZG Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
More results

Similar Description - USB3450

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com