Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 7Page - Microchip Technology USB3450 Datasheet HTML 8Page - Microchip Technology USB3450 Datasheet HTML 9Page - Microchip Technology USB3450 Datasheet HTML 10Page - Microchip Technology USB3450 Datasheet HTML 11Page - Microchip Technology USB3450 Datasheet HTML 12Page - Microchip Technology USB3450 Datasheet HTML 13Page - Microchip Technology USB3450 Datasheet HTML 14Page - Microchip Technology USB3450 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002105A-page 11
USB3450
4.0
ELECTRICAL CHARACTERISTICS
Note 4-1
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.
TABLE 4-1:
ELECTRICAL CHARACTERISTICS: SUPPLY PINS (
Note 4-1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Unconfigured Current
IAVG(UCFG)
Device Unconfigured
55
mA
FS Idle Current
IAVG(FS)
FS idle not data transfer
55
mA
FS Transmit Current
IAVG(FSTX)
FS current during data
transmit
60.5
mA
FS Receive Current
IAVG(FSRX)
FS current during data
receive
57.5
mA
HS Idle Current
IAVG(HS)
FS idle not data transfer
60.6
mA
HS Transmit Current
IAVG(HSTX)
FS current during data
transmit
62.4
mA
HS Receive Current
IAVG(HSRX)
FS current during data
receive
61.5
mA
Low Power Mode
IDD(LPM)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor
currents not included.
83
uA
TABLE 4-2:
ELECTRICAL CHARACTERISTICS: CLKOUT START-UP
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Suspend Recovery Time
TSTART
2.25
3.5
ms
TABLE 4-3:
DC ELECTRICAL CHARACTERISTICS: LOGIC PINS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDD3.3 -
0.4
V
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
4
pF
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com