Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 16Page - Microchip Technology USB3450 Datasheet HTML 17Page - Microchip Technology USB3450 Datasheet HTML 18Page - Microchip Technology USB3450 Datasheet HTML 19Page - Microchip Technology USB3450 Datasheet HTML 20Page - Microchip Technology USB3450 Datasheet HTML 21Page - Microchip Technology USB3450 Datasheet HTML 22Page - Microchip Technology USB3450 Datasheet HTML 23Page - Microchip Technology USB3450 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
USB3450
DS00002105A-page 20
2005 - 2016 Microchip Technology Inc.
5.6
Internal Regulators and POR
The USB3450 includes an integrated set of built in power management functions. These power management features
include a POR generation and allow the USB3450 to be powered from a single 3.3 volt power supply. This reduces the
bill of materials and simplifies product design.
5.6.1
INTERNAL REGULATORS
The USB3450 has two internal regulators that create two 1.8V outputs (labeled VDD1.8 and VDDA1.8) from the 3.3volt
power supply input (VDD3.3). Each regulator requires an external 4.7uF +/-20% low ESR bypass capacitor to ensure
stability. X5R or X7R ceramic capacitors are recommended since they exhibit an ESR lower that 0.1ohm at frequencies
greater than 10kHz.
The specific capacitor recommendations for each pin are detailed in Table 2-1, “USB3450 Pin Definitions,” on page 7,
and shown in FIGURE 6-9: USB3450 Application Diagram (Top View) on page 32.
5.6.2
POWER ON RESET (POR)
The USB3450 provides an internal POR circuit that generates a reset pulse once the PHY supplies are stable. The
UTMI+ Digital can be reset at any time with the RESET pin.
Note:
The USB3450 regulators are designed to generate a 1.8 volt supply for the USB3450 only. Using the reg-
ulators to provide current for other circuits is not recommended and Microchip does not ensure USB per-
formance or regulator stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com