Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 24Page - Microchip Technology USB3450 Datasheet HTML 25Page - Microchip Technology USB3450 Datasheet HTML 26Page - Microchip Technology USB3450 Datasheet HTML 27Page - Microchip Technology USB3450 Datasheet HTML 28Page - Microchip Technology USB3450 Datasheet HTML 29Page - Microchip Technology USB3450 Datasheet HTML 30Page - Microchip Technology USB3450 Datasheet HTML 31Page - Microchip Technology USB3450 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
USB3450
DS00002105A-page 28
2005 - 2016 Microchip Technology Inc.
6.10
HS Detection Handshake – Suspend Timing
If reset is entered from a suspended state, the internal oscillator and clocks of the transceiver are assumed to be pow-
ered down. Figure 6-6 shows how CLKOUT is used to control the duration of the chirp generated by the device.
When reset is entered from a suspended state (J to SE0 transition reported by LINESTATE), SUSPENDN is combina-
torially negated at time T0 by the Link. It takes approximately 5 milliseconds for the transceiver's oscillator to stabilize.
The device does not generate any transitions of the CLKOUT signal until it is “usable” (where “usable” is defined as
stable to within ±10% of the nominal frequency and the duty cycle accuracy 50±5%).
The first transition of CLKOUT occurs at T1. The Link then sets OPMODE to Disable Bit Stuffing and NRZI encoding,
XCVRSELECT to HS mode, and must assert a Chirp K for 66000 CLKOUT cycles to ensure a 1ms minimum duration.
If CLKOUT is 10% fast (66MHz) then Chirp K will be 1.0ms. If CLKOUT is 10% slow (54 MHz) then Chirp K will be 1.2ms.
The 5.6ms requirement for the first CLKOUT transition after SUSPENDN, ensures enough time to assert a 1ms Chirp
K and still complete before T3. Once the Chirp K is completed (T3) the Link can begin looking for host chirps and use
CLKOUT to time the process. At this time, the device follows the same protocol as in Section 6.9, "HS Detection Hand-
shake – HS Downstream Facing Port" for completion of the High Speed Handshake.
To detect the assertion of the downstream Chirp K's and Chirp J's for 2.5us {TFILT}, the Link must see the appropriate
LINESTATE signals asserted continuously for 165 CLKOUT cycles.
FIGURE 6-6:
HS DETECTION HANDSHAKE TIMING BEHAVIOR FROM SUSPEND
CLK60
Look for host chirps
Device Chirp K
SUSPENDN
DP/DM
TERMSELECT
TXVALID
SE0
J
CLK power up time
XCVRSELECT
OPMODE 1
OPMODE 0
time
T0
T3
T4
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com