Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 23Page - Microchip Technology USB3450 Datasheet HTML 24Page - Microchip Technology USB3450 Datasheet HTML 25Page - Microchip Technology USB3450 Datasheet HTML 26Page - Microchip Technology USB3450 Datasheet HTML 27Page - Microchip Technology USB3450 Datasheet HTML 28Page - Microchip Technology USB3450 Datasheet HTML 29Page - Microchip Technology USB3450 Datasheet HTML 30Page - Microchip Technology USB3450 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002105A-page 27
USB3450
FIGURE 6-5:
HS DETECTION HANDSHAKE TIMING BEHAVIOR (HS MODE)
TABLE 6-7:
RESET TIMING VALUES
Timing Parameter
Description
Value
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device asserts Chirp K on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1 ms minimum
width.
T0 + 1.0ms < T2 <
HS Reset T0 + 7.0ms
T3
Downstream facing port asserts Chirp K on the bus. T2 < T3 < T2+100µs
T4
Downstream facing port toggles Chirp K to Chirp J on
the bus.
T3 + 40µs < T4 < T3 + 60µs
T5
Downstream facing port toggles Chirp J to Chirp K on
the bus.
T4 + 40µs < T5 < T4 + 60µs
T6
Device detects downstream port chirp.
T6
T7
Chirp detected by the device. Device removes DP
pull-up and asserts HS terminations, reverts to HS
default state and waits for end of reset.
T6 < T7 < T6 + 500µs
T8
Terminate host port Chirp K-J sequence (Repeating
T4 and T5)
T9 - 500µs < T8 < T9 - 100µs
T9
The earliest time at which host port may end reset.
The latest time, at which the device may remove the
DP pull-up and assert the HS terminations, reverts to
HS default state.
HS Reset T0 + 10ms
Note:
• T0 may be up to 4ms after HS Reset T0.
• The Link must use LINESTATE to detect the downstream port chirp sequence.
• Due to the assertion of the HS termination on the host port and FS termination on the device port, between T1
and T7 the signaling levels on the bus are higher than HS signaling levels and are less than FS signaling levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com