Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 15Page - Microchip Technology USB3450 Datasheet HTML 16Page - Microchip Technology USB3450 Datasheet HTML 17Page - Microchip Technology USB3450 Datasheet HTML 18Page - Microchip Technology USB3450 Datasheet HTML 19Page - Microchip Technology USB3450 Datasheet HTML 20Page - Microchip Technology USB3450 Datasheet HTML 21Page - Microchip Technology USB3450 Datasheet HTML 22Page - Microchip Technology USB3450 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002105A-page 19
USB3450
5.4.3
BIAS GENERATOR
This block consists of an internal bandgap reference circuit used for generating the high speed driver currents and the
biasing of the analog circuits. This block requires an external 12K
, 1% tolerance, external reference resistor connected
from RBIAS to ground.
5.5
Crystal Oscillator and PLL
The USB3450 uses an internal crystal driver and PLL sub-system to provide a clean 480MHz reference clock that is
used by the PHY during both transmit and receive. The USB3450 requires a clean 24MHz crystal or clock as a frequency
reference. If the 24MHz reference is noisy or off frequency the PHY may not operate correctly.
The USB3450 can use either a crystal or an external clock oscillator for the 24MHz reference. The crystal is connected
to the XI and XO pins as shown in the application diagram, Figure 6-9. If a clock oscillator is used the clock should be
connected to the XI input and the XO pin left floating. When an external clock is used the XI pin is designed to be driven
with a 0 to 3.3 volt signal. When using an external clock the user needs to take care to ensure the external clock source
is clean enough to not degrade the high speed eye performance.
Once, the 480MHz PLL has locked to the correct frequency it will drive the CLKOUT pin with a 60MHz clock. The
USB3450 will start the clock within the time specified in Table 4-2.
FIGURE 5-8:
DP/DM TERMINATION VS. SIGNALING MODE
Signaling Mode
UTMI+ Interface Settings
Resistor Settings
General Settings
Tri-State Drivers
XXb
Xb
01b
Xb
0b
0b
0b
0b
0b
Power-up or Vbus < VSESSEND
01b
0b
00b
1b
0b
0b
1b
1b
0b
Host Settings
Host Chirp
00b
0b
10b
1b0b
0b
1b1b1b
Host Hi-Speed
00b
0b
00b
1b
0b
0b
1b
1b
1b
Host Full Speed
X1b
1b
00b
1b0b
0b
1b1b0b
Host HS/FS Suspend
01b
1b
00b
1b
0b
0b
1b
1b
0b
Host HS/FS Resume
01b
1b
10b
1b
0b
0b
1b
1b
0b
Host low Speed
10b
1b
00b
1b
0b
0b
1b
1b
0b
Host LS Suspend
10b
1b
00b
1b
0b
0b
1b
1b
0b
Host LS Resume
10b
1b
10b
1b
0b
0b
1b
1b
0b
Host Test J/Test_K
00b
0b
10b
1b
0b
0b
1b
1b
1b
Peripheral Settings
Peripheral Chirp
00b
1b
10b
0b
1b
0b
0b
0b
0b
Peripheral HS
00b
0b
00b
0b
0b
0b
0b
0b
1b
Peripheral FS
01b
1b
00b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Suspend
01b
1b
00b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Resume
01b
1b
10b
0b
1b
0b
0b
0b
0b
Peripheral LS
10b
1b
00b
0b
0b
1b
0b
0b
0b
Peripheral LS Suspend
10b
1b
00b
0b
0b
1b
0b
0b
0b
Peripheral LS Resume
10b
1b
10b
0b
0b
1b
0b
0b
0b
Peripheral Test J/Test K
00b
0b
10b
0b
0b
0b
0b
0b
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com