Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 28Page - Microchip Technology USB3450 Datasheet HTML 29Page - Microchip Technology USB3450 Datasheet HTML 30Page - Microchip Technology USB3450 Datasheet HTML 31Page - Microchip Technology USB3450 Datasheet HTML 32Page - Microchip Technology USB3450 Datasheet HTML 33Page - Microchip Technology USB3450 Datasheet HTML 34Page - Microchip Technology USB3450 Datasheet HTML 35Page - Microchip Technology USB3450 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
USB3450
DS00002105A-page 32
2005 - 2016 Microchip Technology Inc.
6.14
Application Diagram
FIGURE 6-9:
USB3450 APPLICATION DIAGRAM (TOP VIEW)
USB
Connector
(Standard
or Mini)
UTMI+
Interface
to Link
5 Volt
Supply
VDD3.3
3.3 Volt
Supply
C
LOAD
25
C
LOAD
C
VBUS
Host Only
C
VBUS
Host
Device
OTG Device
Min
100uF
1uF
1uF
Max
10uF
6.5uF
ID
DM
DP
VBUS
10
21
22
24
25
26
27
28
29
30
23
1
2
3
4
5
6
7
8
9
USB3450
Hi-Speed USB
UTMI+ PHY
40 Pin QFN
GND FLAG
DATA[1]
DATA[0]
DATA[2]
DATA[3]
DATA[4]
DATA[5]
DATA[6]
DATA[7]
RXVALID
HOSTDISC
DM
DP
VDD3.3
RESET
TXVALID
SUSPENDN
TXREADY
TERMSEL
XCVRSEL0
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com