Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 6Page - Microchip Technology USB3450 Datasheet HTML 7Page - Microchip Technology USB3450 Datasheet HTML 8Page - Microchip Technology USB3450 Datasheet HTML 9Page - Microchip Technology USB3450 Datasheet HTML 10Page - Microchip Technology USB3450 Datasheet HTML 11Page - Microchip Technology USB3450 Datasheet HTML 12Page - Microchip Technology USB3450 Datasheet HTML 13Page - Microchip Technology USB3450 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
USB3450
DS00002105A-page 10
2005 - 2016 Microchip Technology Inc.
3.0
LIMITING VALUES
TABLE 3-1:
MAXIMUM RATINGS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Maximum VBUS, ID, DP,
and DM voltage to GND
VMAX_5V
-0.5
+5.5
V
Maximum VDD1.8 and
VDDA1.8 voltage to
Ground
VMAX_1.8V
-0.5
2.5
V
Maximum 3.3V supply
voltage to Ground
VMAX_3.3V
-0.5
4.0
V
Maximum I/O voltage to
Ground
VMAX_IN
-0.5
4.0
V
Operating Temperature
TMAX_OP
070
C
Storage Temperature
TMAX_STG
-55
150
C
Note:
Stresses above those listed could cause damage to the device. This is a stress rating only and functional
operation of the device at any other condition above those indicated in the operation sections of this spec-
ification is not implied. When powering this device from laboratory or system power supplies, it is important
that the Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies
exhibit voltage spikes on their outputs when the AC power is switched on or off. In addition, voltage tran-
sients on the AC power line may appear on the DC output. If this possibility exists, it is suggested that a
clamp circuit be used.
TABLE 3-2:
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
3.3V Supply Voltage
VDD3.3
3.0
3.3
3.6
V
Input Voltage on Digital Pins VI
0.0
VDD3.3
V
Input Voltage on Analog I/O
Pins (DP, DM)
VI(I/O)
0.0
VDD3.3
V
Ambient Temperature
TA
0+70
oC
TABLE 3-3:
RECOMMENDED EXTERNAL CLOCK CONDITIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
System Clock Frequency
XI driven by the external clock;
and no connection at XO
24
100ppm)
MHz
System Clock Duty Cycle
XI driven by the external clock;
and no connection at XO
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com