Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 14Page - Microchip Technology USB3450 Datasheet HTML 15Page - Microchip Technology USB3450 Datasheet HTML 16Page - Microchip Technology USB3450 Datasheet HTML 17Page - Microchip Technology USB3450 Datasheet HTML 18Page - Microchip Technology USB3450 Datasheet HTML 19Page - Microchip Technology USB3450 Datasheet HTML 20Page - Microchip Technology USB3450 Datasheet HTML 21Page - Microchip Technology USB3450 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
USB3450
DS00002105A-page 18
2005 - 2016 Microchip Technology Inc.
The receivers connect directly to the USB cable. The block contains a separate differential receiver for HS and FS mode.
Depending on the mode, the selected receiver provides the serial data stream through the mulitplexer to the RX Logic
block. The FS mode section of the FS/HS RX block also consists of a single-ended receiver on each of the data lines
to determine the correct FS LINESTATE. For HS mode support, the FS/HS RX block contains a squelch circuit to insure
that noise is never interpreted as data.
5.4
Hi-Speed Transceiver
The Microchip Hi-Speed Transceiver consists of four blocks in the lower left corner of FIGURE 2-1: on page 5. These
four blocks are labeled HS XCVR, FS/LS XCVR, Resistors, and Bias Gen.
5.4.1
HIGH SPEED AND FULL SPEED TRANSCEIVERS
The USB3450 transceiver meets all requirements in the Hi-Speed specification.
The receivers connect directly to the USB cable. This block contains a separate differential receiver for HS and FS
mode. Depending on the mode, the selected receiver provides the serial data stream through the multiplexer to the RX
Logic block. The FS mode section of the FS/HS RX block also consists of a single-ended receiver on each of the data
lines to determine the correct FS linestate. For HS mode support, the FS/HS RX block contains a squelch circuit to
insure that noise is never interpreted as data.
The transmitters connect directly to the USB cable. The block contains a separate differential FS and HS transmitter
which receive encoded, bit stuffed, serialized data from the TX Logic block and transmit it on the USB cable.
5.4.2
TERMINATION RESISTORS
The USB3450 transceiver fully integrates all of the USB termination resistors. The USB3450 includes two 1.5kΩ pull-
up resistors on DP and DM and a 15kΩ pull-down resistor on both DP and DM. In addition the 45Ω high speed termi-
nation resistors are also integrated. These integrated resistors require no tuning or trimming by the Link. The state of
the resistors is determined by the operating mode of the PHY. The possible valid resistor combinations are shown in
Figure 5-8. Operation is provided in the configurations given in Table 5-8, "DP/DM termination vs. Signaling Mode".
• RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
• RPU_DM_EN activates the 1.5kΩ DM pull-up resistor
• RPD_DP_EN activates the 15kΩ DP pull-down resistor
• RPD_DM_EN activates the 15kΩ DM pull-down resistor
• HSTERM_EN activates the 45Ω DP and DM high speed termination resistors
FIGURE 5-7:
RECEIVE TIMING FOR DATA PACKET (WITH CRC-16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com