Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3450
Description  Hi-Speed USB Host or Device PHY With UTMI Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3450 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3450 Datasheet HTML 26Page - Microchip Technology USB3450 Datasheet HTML 27Page - Microchip Technology USB3450 Datasheet HTML 28Page - Microchip Technology USB3450 Datasheet HTML 29Page - Microchip Technology USB3450 Datasheet HTML 30Page - Microchip Technology USB3450 Datasheet HTML 31Page - Microchip Technology USB3450 Datasheet HTML 32Page - Microchip Technology USB3450 Datasheet HTML 33Page - Microchip Technology USB3450 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
USB3450
DS00002105A-page 30
2005 - 2016 Microchip Technology Inc.
6.12
Detection of Resume
Resume signaling always takes place in FS mode (TERMSELECT and XCVRSELECT = FS enabled), so the behavior
for a HS device is identical to that of a FS device. The Link uses the LINESTATE signals to determine when the USB
transitions from the 'J' to the 'K' state and finally to the terminating FS EOP (SE0 for 1.25us-1.5µs.).
The resume signaling (FS 'K') will be asserted for at least 20ms. At the beginning of this period the Link may negate
SUSPENDN, allowing the transceiver (and its oscillator) to power up and stabilize.
The FS EOP condition is relatively short. Links that simply look for an SE0 condition to exit suspend mode do not nec-
essarily give the transceiver’s clock generator enough time to stabilize. It is recommended that all Link implementations
key off the 'J' to 'K' transition for exiting suspend mode (SUSPENDN = 1). And within 1.25µs after the transition to the
SE0 state (low-speed EOP) the Link must enable normal operation, i.e. enter HS or FS mode depending on the mode
the device was in when it was suspended.
If the device was in FS mode: then the Link leaves the FS terminations enabled. After the SE0 expires, the downstream
port will assert a J state for one low-speed bit time, and the bus will enter a FS Idle state (maintained by the FS termi-
nations).
If the device was in HS mode: then the Link must switch to the FS terminations before the SE0 expires (< 1.25µs). After
the SE0 expires, the bus will then enter a HS IDLE state (maintained by the HS terminations).
6.13
HS Device Attach
Figure 6-8 demonstrates the timing of the USB3450 control signals during a device attach event. When a HS device is
attached to an upstream port, power is asserted to the device and the device sets XCVRSELECT and TERMSELECT
to FS mode (time T1).
VBUS is the +5V power available on the USB cable. Device Reset in Figure 6-8 indicates that VBUS is within normal oper-
ational range as defined in the Hi-Speed specification. The assertion of Device Reset (T0) by the upstream port will ini-
tialize the device. By monitoring LINESTATE, the Link state machine knows to set the XCVRSELECT and
TERMSELECT signals to FS mode (T1).
The standard FS technique of using a pull-up resistor on DP to signal the attach of a FS device is employed. The Link
must then check the LINESTATE signals for SE0. If LINESTATE = SE0 is asserted at time T2 then the upstream port is
forcing the reset state to the device (i.e. Driven SE0). The device will then reset itself before initiating the HS Detection
Handshake protocol.
TABLE 6-9:
RESUME TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
T0
Internal device event initiating the resume process 0 (reference)
T1
Device asserts FS 'K' on the bus to signal resume
request to downstream port
T0 < T1 < T0 + 10ms.
T2
The device releases FS 'K' on the bus. However
by this time the 'K' state is held by downstream
port.
T1 + 1.0ms < T2 < T1 + 15ms
T3
Downstream port asserts SE0.
T1 + 20ms
T4
Latest time at which a device, which was
previously in HS mode, must restore HS mode
after bus activity stops.
T3 + 1.33µs {2 Low-speed bit times}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com