Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 17Page - Microchip Technology USB2503 Datasheet HTML 18Page - Microchip Technology USB2503 Datasheet HTML 19Page - Microchip Technology USB2503 Datasheet HTML 20Page - Microchip Technology USB2503 Datasheet HTML 21Page - Microchip Technology USB2503 Datasheet HTML 22Page - Microchip Technology USB2503 Datasheet HTML 23Page - Microchip Technology USB2503 Datasheet HTML 24Page - Microchip Technology USB2503 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 21
USB2503/USB2503A
5.3.5
STRETCHING THE SCLK SIGNAL
The Hub supports stretching of the SCLK by other devices on the SMBus. The Hub does not stretch the SCLK.
5.3.6
SMBUS TIMING
The SMBus Slave Interface complies with the SMBus AC Timing Specification. See the SMBus timing in the “Timing
Diagram” section.
5.3.7
BUS RESET SEQUENCE
The SMBus Slave Interface resets and returns to the idle state upon a START field followed immediately by a STOP
field.
5.3.8
SMBUS ALERT RESPONSE ADDRESS
The SMBALERT# signal is not supported by the Hub.
5.3.9
INTERNAL SMBUS MEMORY REGISTER SET
The following table provides the SMBus slave interface register map values.
Note:
Some simple devices do not contain a clock low drive circuit; this simple kind of device typically resets its
communications port after a start or stop condition.
TABLE 5-4:
SMBUS SLAVE INTERFACE REGISTER MAP
Reg
Addr
R/W
Register Name
Abbr
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
00h
R/W
Status/Command
STCD
7
6
5
4
3
2
1
0
01h
R/W
VID LSB
VIDL
7
6
5
4
3
2
1
0
02h
R/W
VID MSB
VIDM
7
6
5
4
3
2
1
0
03h
R/W
PID LSB
PIDL
7
6
5
4
3
2
1
0
04h
R/W
PID MSB
PIDM
7
6
5
4
3
2
1
0
05h
R/W
DID LSB
DIDL
7
6
5
4
3
2
1
0
06h
R/W
DID MSB
DIDM
7
6
5
4
3
2
1
0
07h
R/W
Config Data Byte 1
CFG1
7
6
5
4
3
2
1
0
08h
R/W
Config Data Byte 2
CFG2
7
6
5
4
3
2
1
0
09h
R/W
Non-Removable
Devices
NRD
7
6
5
4
3
2
1
0
0Ah
R/W
Port Disable (Self)
PDS
7
6
5
4
3
2
1
0
0Bh
R/W
Port Disable (Bus)
PDB
7
6
5
4
3
2
1
0
0Ch
R/W
Max Power (Self)
MAXPS
7
6
5
4
3
2
1
0
0Dh
R/W
Max Power (Bus)
MAXPB
7
6
5
4
3
2
1
0
0Eh
R/W
Hub Controller Max
Current (Self)
HCMCS
7
6
5
4
3
2
1
0
0Fh
R/W
Hub Controller Max
Current (bus)
HCMCB
7
6
5
4
3
2
1
0
10h
R/W
Power-on Time
PWRT
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com