Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 24Page - Microchip Technology USB2503 Datasheet HTML 25Page - Microchip Technology USB2503 Datasheet HTML 26Page - Microchip Technology USB2503 Datasheet HTML 27Page - Microchip Technology USB2503 Datasheet HTML 28Page - Microchip Technology USB2503 Datasheet HTML 29Page - Microchip Technology USB2503 Datasheet HTML 30Page - Microchip Technology USB2503 Datasheet HTML 31Page - Microchip Technology USB2503 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 28
 2007 - 2016 Microchip Technology Inc.
Note 1:
When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than 100mA from
the upstream USB power source during t1+t5.
2:
All Power Supplies must have reached the operating levels mandated in Section 7.0, "DC Parameters", prior
to (or coincident with) the assertion of RESET_N.
5.6.1.2
RESET_N for EEPROM Configuration
Note 1:
When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than 100mA from
the upstream USB power source during t4+t5+t6+t7.
2:
All Power Supplies must have reached the operating levels mandated in Section 7.0, "DC Parameters", prior
to (or coincident with) the assertion of RESET_N.
t5
USB Attach (See Note).
100
msec
t6
Host acknowledges attach and signals USB Reset.
100
msec
t7
USB Idle.
undefined
msec
t8
Completion time for requests (with or without data
stage).
5msec
FIGURE 5-3:
RESET_N TIMING FOR EEPROM MODE
TABLE 5-6:
RESET_N TIMING FOR EEPROM MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted.
1
sec
t2
Hub Recovery/Stabilization.
500
sec
t3
EEPROM Read / Hub Config.
2.0
99.5
msec
t4
USB Attach (See Note).
100
msec
t5
Host acknowledges attach and signals USB Reset.
100
msec
t6
USB Idle.
undefined
msec
t7
Completion time for requests (with or without data
stage).
5msec
TABLE 5-5:
RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE (CONTINUED)
Name
Description
MIN
TYP
MAX
Units
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Read Strap
Options
Read EEPROM
+
Set Options
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com