Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 22Page - Microchip Technology USB2503 Datasheet HTML 23Page - Microchip Technology USB2503 Datasheet HTML 24Page - Microchip Technology USB2503 Datasheet HTML 25Page - Microchip Technology USB2503 Datasheet HTML 26Page - Microchip Technology USB2503 Datasheet HTML 27Page - Microchip Technology USB2503 Datasheet HTML 28Page - Microchip Technology USB2503 Datasheet HTML 29Page - Microchip Technology USB2503 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 26
 2007 - 2016 Microchip Technology Inc.
5.3.9.18
Undefined Registers
The registers shown in Table 5-4 are the defined registers in the Hub. Reads to undefined registers return 00h. Writes
to undefined registers have no effect and do not return an error.
5.3.9.19
Reserved Registers
Unless otherwise instructed, only a ‘0’ may be written to all reserved registers or bits.
5.4
Default Configuration Option:
The Microchip Hub can be configured via its internal default configuration. (please see , for specific details on how to
enable default configuration.
Please refer to Table 5-1 on page 15 for the internal default values that are loaded when this option is selected.
5.5
Default Strapping Options:
The Microchip Hub can be configured via a combination of internal default values and pin strap options. Please see
Table 4-1, "3-Port Hub Pin Descriptions" for specific details on how to enable the default/pin-strap configuration option.
The strapping option pins only cover a limited sub-set of the configuration options. The internal default values will be
used for the bits & registers that are not controlled by a strapping option pin. Please refer to Table 5-1 on page 15 for
the internal default values that are loaded when this option is selected.
The Green LED pins are sampled after RESET_N negation, and the logic values are used to configure the hub if the
internal default configuration mode is selected. The implementation shown below (see Figure 5-1) shows a recom-
mended passive scheme. When a pin is configured with a “Strap High” configuration, the LED functions with active low
signaling, and the PAD will “sink” the current from the external supply. When a pin is configured with a “Strap Low” con-
figuration, the LED functions with active high signaling, and the PAD will “source” the current to the external LED.
FIGURE 5-1:
LED STRAPPING OPTION
HUB
50K
Strap Low
GR2
50K
Strap High
GR1
+V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com