Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 29Page - Microchip Technology USB2503 Datasheet HTML 30Page - Microchip Technology USB2503 Datasheet HTML 31Page - Microchip Technology USB2503 Datasheet HTML 32Page - Microchip Technology USB2503 Datasheet HTML 33Page - Microchip Technology USB2503 Datasheet HTML 34Page - Microchip Technology USB2503 Datasheet HTML 35Page - Microchip Technology USB2503 Datasheet HTML 36Page - Microchip Technology USB2503 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 33
USB2503/USB2503A
Note 1:
Output leakage is measured with the current pins in high impedance.
2:
See USB 2.0 Specification for USB DC electrical characteristics.
3:
RBIAS is a 3.3V tolerant analog pin.
CAPACITANCE TA = 25°C; fc = 1MHz; VDD33CR = 3.3V
Power Sequencing
There are no power supply sequence restrictions for the Hub. The order in which power supplies power-up and power-
down is implementation dependent.
IO-U
(Note 2)
I-R
(Note 3)
Supply Current Unconfigured
High-Speed Host
Full-Speed Host
ICCINIT
ICCINIT
100
95
mA
mA
Supply Current
Configured
(High-Speed Host)
2 Ports @ FS/LS
2 Ports @ HS
1 Port HS, 1 Port FS/LS
3 Ports @ HS
IHCC2
IHCH2
IHCH1C1
IHCH3
190
235
215
265
mA
mA
mA
mA
Total from all supplies
Supply Current
Configured
(Full-Speed Host)
1 Port
2 Ports
3 Ports
IFCC1
IFCC2
IFCC3
150
155
160
mA
mA
mA
Total from all supplies
Supply Current
Suspend
ICSBY
265
uA
Total from all supplies.
Supply Current
Reset
IRST
150
uA
Total from all supplies.
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input Capacitance
CIN
12
pF
All pins except USB pins (and pins under
test tied to AC ground)
Input Capacitance
CIN
8pF
Output Capacitance
COUT
12
pF
TABLE 7-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com