Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 11Page - Microchip Technology USB2503 Datasheet HTML 12Page - Microchip Technology USB2503 Datasheet HTML 13Page - Microchip Technology USB2503 Datasheet HTML 14Page - Microchip Technology USB2503 Datasheet HTML 15Page - Microchip Technology USB2503 Datasheet HTML 16Page - Microchip Technology USB2503 Datasheet HTML 17Page - Microchip Technology USB2503 Datasheet HTML 18Page - Microchip Technology USB2503 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 15
USB2503/USB2503A
5.2.1
I2C EEPROM
The I2C EEPROM interface implements a subset of the I2C Master Specification (Please refer to the Philips Semicon-
ductor Standard I2C-Bus Specification for details on I2C bus protocols). The Hub’s I2C EEPROM interface is designed
to attach to a single “dedicated” I2C EEPROM, and it conforms to the Standard-mode I2C Specification (100kbit/s trans-
fer rate and 7-bit addressing) for protocol and electrical compatibility.
The Hub acts as the master and generates the serial clock SCL, controls the bus access (determines which device acts
as the transmitter and which device acts as the receiver), and generates the START and STOP conditions.
5.2.1.1
Implementation Characteristics
Please refer to the MicroChip 24AA00 DataSheet for Protocol and Programming specifics.
5.2.1.2
Pull-Up Resistor
The Circuit board designer is required to place external pull-up resistors (10K
 recommended) on the SDA/SMBDATA
& SCL/SMBCLK/CFG_SELO lines (per SMBus 1.0 Specification, and EEPROM manufacturer guidelines) to Vcc in
order to assure proper operation.
5.2.1.3
I2C EEPROM Slave Address
Slave address is 1010000.
5.2.2
IN-CIRCUIT EEPROM PROGRAMMING
The EEPROM can be programmed via ATE by pulling RESET_N low (which tri-states the Hub’s EEPROM interface and
allows an external source to program the EEPROM).
5.2.3
EEPROM DATA
Note:
Extensions to the I2C Specification are not supported.
Note:
10-bit addressing is NOT supported.
TABLE 5-1:
USER-DEFINED DESCRIPTOR DATA
Field
Byte
MSB:
LSB
Size
(Bytes)
Default
CFG
Self
(Hex)
Default
CFG
Bus
(Hex)
Description
VID
1:0
2
0424
0424
Vendor ID (assigned by USB-IF).
PID
3:2
2
2503
2503
Product ID (assigned by Manufacturer).
DID
5:4
2
0000
0000
Device ID (assigned by Manufacturer).
Config Data
Byte 1
6
1
98
1C
Configuration data byte #1 for Hub options.
Config Data
Byte 2
7
1
90
90
Configuration data byte #2 for Hub options.
Non Removable
Device
8
1
00
00
Defines the ports that contain attached devices
(this is used only when Hub is part of a
compound device).
Port Disable
Self-Powered
9
1
00
00
Selects the ports that will be permanently
disabled
Port Disable
Bus-Powered
A
1
00
00
Selects the ports that will be permanently
disabled
Max Power
Self-Powered
B
1
01
01
Max Current for this configuration (expressed
in 2mA units).
Max Power
Bus-Powered
C
1
64
64
Max Current for this configuration (expressed
in 2mA units).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com