Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 25Page - Microchip Technology USB2503 Datasheet HTML 26Page - Microchip Technology USB2503 Datasheet HTML 27Page - Microchip Technology USB2503 Datasheet HTML 28Page - Microchip Technology USB2503 Datasheet HTML 29Page - Microchip Technology USB2503 Datasheet HTML 30Page - Microchip Technology USB2503 Datasheet HTML 31Page - Microchip Technology USB2503 Datasheet HTML 32Page - Microchip Technology USB2503 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 29
USB2503/USB2503A
5.6.1.3
RESET_N for SMBus Slave Configuration
Note 1:
For Bus-Powered configurations, the 99.5ms (MAX) is required, and the Hub and its associated circuitry
must not consume more than 100mA from the upstream USB power source during t2+t3+t4+t5+t6+t7. For
Self-Powered configurations, t3 MAX is not applicable and the time to load the configuration is determined
by the external SMBus host.
2:
All Power Supplies must have reached the operating levels mandated in Section 7.0, "DC Parameters", prior
to (or coincident with) the assertion of RESET_N.
5.6.2
USB BUS RESET
In response to the upstream port signaling a reset to the Hub, the Hub does the following:
1.
Sets default address to 0.
2.
Sets configuration to: Unconfigured.
3.
Negates PRTPWR[4:1] to all downstream ports.
4.
Clears all TT buffers.
5.
Moves device from suspended to active (if suspended).
6.
Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence.
The Host then configures the Hub and the Hub’s downstream port devices in accordance with the USB Specification.
FIGURE 5-4:
RESET_N TIMING FOR SMBUS MODE
TABLE 5-7:
RESET_N TIMING FOR SMBUS MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted.
1
sec
t2
Hub Recovery/Stabilization.
500
sec
t3
SMBus Code Load (See Note).
10
99.5
msec
t4
Hub Configuration and USB Attach.
100
msec
t5
Host acknowledges attach and signals USB Reset.
100
msec
t6
USB Idle.
Undefined
msec
t7
Completion time for requests (with or without data
stage).
5msec
Note:
The Hub does not propagate the upstream USB reset to downstream devices.
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Reset
Negation
SMBus Code
Load
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3
Hub PHY
Stabilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com