Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 12Page - Microchip Technology USB2503 Datasheet HTML 13Page - Microchip Technology USB2503 Datasheet HTML 14Page - Microchip Technology USB2503 Datasheet HTML 15Page - Microchip Technology USB2503 Datasheet HTML 16Page - Microchip Technology USB2503 Datasheet HTML 17Page - Microchip Technology USB2503 Datasheet HTML 18Page - Microchip Technology USB2503 Datasheet HTML 19Page - Microchip Technology USB2503 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 16
 2007 - 2016 Microchip Technology Inc.
5.2.3.1
EEPROM Offset 1:0(h) - Vendor ID
5.2.3.2
EEPROM Offset 3:2(h) - Product ID
5.2.3.3
EEPROM Offset 5:4(h) - Device ID
5.2.3.4
EEPROM Offset 6(h) - CONFIG_BYTE_1
Hub Controller
Max Current
Self-Powered
D
1
01
01
Max Current (expressed in 2mA units).
Hub Controller
Max Current
Bus-Powered
E
1
64
64
Max Current (expressed in 2mA units).
Power-On
Time
F
1
32
32
Time until power is stable.
Bit Number
Bit Name
Description
15:8
VID_MSB
Most Significant Byte of the Vendor ID.
7:0
VID_LSB
Least Significant Byte of the Vendor ID.
Bit Number
Bit Name
Description
15:8
PID_MSB
Most Significant Byte of the Product ID.
7:0
PID_LSB
Least Significant Byte of the Product ID.
Bit Number
Bit Name
Description
15:8
DID_MSB
Most Significant Byte of the Device ID.
7:0
DID_LSB
Least Significant Byte of the Device ID.
Bit Number
Bit Name
Description
7
SELF_BUS_PWR
Self or Bus Power: Selects between Self- and Bus-Powered operation.
0 = Bus-Powered operation. (BUS Default)
1 = Self-Powered operation. (SELF Default)
Note:
If Dynamic Power Switching is enabled, this bit is ignored and the
SELF_PWR pin is used to determine if the hub is operating from self
or bus power.
6
PORT_IND
Port Indicator Support: Indicates implementation of LED indicators
0 = No LED indicators.
1 = LED indicators.
5
HS_DISABLE
High Speed Disable: Disables the capability to attach as either a High/Full-
speed device, and forces attachment as Full-speed only i.e. (no High-Speed
support).
0 = High-/Full-Speed. (Default)
1 = Full-Speed-Only (High-Speed disabled!)
TABLE 5-1:
USER-DEFINED DESCRIPTOR DATA (CONTINUED)
Field
Byte
MSB:
LSB
Size
(Bytes)
Default
CFG
Self
(Hex)
Default
CFG
Bus
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com