Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 18Page - Microchip Technology USB2503 Datasheet HTML 19Page - Microchip Technology USB2503 Datasheet HTML 20Page - Microchip Technology USB2503 Datasheet HTML 21Page - Microchip Technology USB2503 Datasheet HTML 22Page - Microchip Technology USB2503 Datasheet HTML 23Page - Microchip Technology USB2503 Datasheet HTML 24Page - Microchip Technology USB2503 Datasheet HTML 25Page - Microchip Technology USB2503 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 22
 2007 - 2016 Microchip Technology Inc.
5.3.9.1
Register 00h: Status/Command (Reset = 0x00)
5.3.9.2
Register 01h: Vendor ID (LSB) (Reset = 0x00)
5.3.9.3
Register 02h: Vendor ID (MSB) (Reset = 0x00)
5.3.9.4
Register 03h: Product ID (LSB) (Reset = 0x00)
5.3.9.5
Register 04h: Product ID (MSB) (Reset = 0x00)
5.3.9.6
Register 05h: Device ID (LSB) (Reset = 0x00)
Bit Number
Bit Name
Description
7:3
Reserved
Reserved. {Note: Software must never write a ‘1’ to these bits}
2
RESET
Reset the SMBus Interface and internal memory back to RESET_N assertion
default settings. {Note: During this reset, this bit is automatically cleared to its
default value of 0.}
0 = Normal Run/Idle State.
1 = Force a reset.
1
WRITE_PROT
Write Protect: The external SMBus host sets this bit after the Hub’s internal
memory is loaded with configuration data. {Note: The External SMBus Host is
responsible for verification of downloaded data.}
0 = The internal memory (address range 01-10h) is not write protected.
1 = The internal memory (address range 01-10h) is “write-protected” to
prevent unintentional data corruption.}
Note:
{This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
0
USB_ATTACH
USB Attach & power-down the SMBus Interface.
0 = Default; SMBus slave interface is active.
1 = Hub will signal a USB attach event to an upstream device, Note: SMBus
Slave interface will completely power down after the ACK has completed.
Note:
{This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
Bit Number
Bit Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID.
Bit Number
Bit Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID.
Bit Number
Bit Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID.
Bit Number
Bit Name
Description
7:0
PID_MSB
Most Significant Byte of the Product ID.
Bit Number
Bit Name
Description
7:0
DID_LSB
Least Significant Byte of the Device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com