Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 15Page - Microchip Technology USB2503 Datasheet HTML 16Page - Microchip Technology USB2503 Datasheet HTML 17Page - Microchip Technology USB2503 Datasheet HTML 18Page - Microchip Technology USB2503 Datasheet HTML 19Page - Microchip Technology USB2503 Datasheet HTML 20Page - Microchip Technology USB2503 Datasheet HTML 21Page - Microchip Technology USB2503 Datasheet HTML 22Page - Microchip Technology USB2503 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 19
USB2503/USB2503A
5.2.3.11
EEPROM Offset D(h) - Hub Controller Max Current For Self Powered Operation
5.2.3.12
EEPROM Offset E(h) - Hub Controller Max Current For Bus Powered Operation
5.2.3.13
EEPROM Offset F(h) - Power-On Time
5.3
SMBus Slave Interface
Instead of loading User-Defined Descriptor data from an external EEPROM, the Microchip Hub can be configured to
receive a code load from an external processor via an SMBus interface. The SMBus interface shares the same pins as
the EEPROM interface, if CFG_SEL1 & CFG_SEL0 activates the SMBus interface, external EEPROM support is no
longer available (and the user-defined descriptor data must be downloaded via the SMBus). Due to system issues, the
Microchip Hub waits indefinitely for the SMBus code load to complete and only “appears” as a newly connected device
on USB after the code load is complete.
The Hub’s SMBus implementation is a subset of the SMBus interface to the host. The device is a slave-only SMBus
device. The implementation in the device is a subset of SMBus since it only supports two protocols.
The Write Byte and Read Byte protocols are the only valid SMBus protocols for the Hub. The Hub responds to other
protocols as described in Section 5.3.2, "Invalid Protocol Response Behavior," on page 20. Reference the System Man-
agement Bus Specification, Rev 1.0.
The SMBus interface is used to read and write the registers in the device. The register set is shown in Section 5.3.9,
"Internal SMBus Memory Register Set," on page 21.
5.3.1
BUS PROTOCOLS
Typical Write Byte and Read Byte protocols are shown below. Register accesses are performed using 7-bit slave
addressing, an 8-bit register address field, and an 8-bit data field. The shading indicates the Hub driving data on the
SMBDATA line; otherwise, host data is on the SDA/SMBDATA line.
The slave address is the unique SMBus Interface Address for the Hub that identifies it on SMBus. The register address
field is the internal address of the register to be accessed. The register data field is the data that the host is attempting
to write to the register or the contents of the register that the host is attempting to read.
Bit Number
Bit Name
Description
7:0
HC_MAX_C_SP
Hub Controller Max Current Self-Powered: Value in 2mA increments that the
Hub consumes from an upstream port (VBUS) when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board. This
value does NOT include the power consumption of a permanently attached
peripheral if the hub is configured as a compound device.
Note:
The USB 2.0 Specification does not permit this value to exceed
100mA
A value of 50 (decimal) indicates 100mA, which is the default value.
Bit Number
Bit Name
Description
7:0
HC_MAX_C_BP
Hub Controller Max Current Bus-Powered: Value in 2mA increments that the
Hub consumes from an upstream port (VBUS) when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board. This
value does NOT include the power consumption of a permanently attached
peripheral if the hub is configured as a compound device.
A value of 50 (decimal) indicates 100mA, which is the default value.
Bit Number
Bit Name
Description
7:0
POWER_ON_TIME
Power On Time: The length of time that is takes (in 2 ms intervals) from the
time the host initiated power-on sequence begins on a port until power is good
on that port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com