Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 3Page - Microchip Technology USB2503 Datasheet HTML 4Page - Microchip Technology USB2503 Datasheet HTML 5Page - Microchip Technology USB2503 Datasheet HTML 6Page - Microchip Technology USB2503 Datasheet HTML 7Page - Microchip Technology USB2503 Datasheet HTML 8Page - Microchip Technology USB2503 Datasheet HTML 9Page - Microchip Technology USB2503 Datasheet HTML 10Page - Microchip Technology USB2503 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 7
USB2503/USB2503A
4.0
3-PORT HUB BLOCK DIAGRAM
FIGURE 4-1:
3-PORT BLOCK DIAGRAM
Upstream
V
BUS
Upstream
PHY
Upstream
USB Data
Repeater
Controller
SIE
Serial
Interface
PLL
24 MHz
Crystal
To
EEPROM
or SMBus
Master
Routing Logic
SCL
SD
TT
#1
TT
#2
TT
#3
Port
Controller
Downstream
PHY #1
Port #1
OC Sense
Switch Driver
LED Drivers
Downstream
PHY #3
Port #3
OC Sense
Switch Driver
LED Drivers
...
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
V
BUS
Power
Detect
Pin
Strapping
Options
Internal
Defaults
Select
3.3V
1.8V
Reg.
1.8V
Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com