Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 6Page - Microchip Technology USB2503 Datasheet HTML 7Page - Microchip Technology USB2503 Datasheet HTML 8Page - Microchip Technology USB2503 Datasheet HTML 9Page - Microchip Technology USB2503 Datasheet HTML 10Page - Microchip Technology USB2503 Datasheet HTML 11Page - Microchip Technology USB2503 Datasheet HTML 12Page - Microchip Technology USB2503 Datasheet HTML 13Page - Microchip Technology USB2503 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 10
 2007 - 2016 Microchip Technology Inc.
RESET Input
RESET_N
IS
This active low signal is used by the system to reset the
chip. The minimum active low pulse is 100ns.
Self-Power /
Bus-Power
Detect
SELF_PWR
I
Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., 7-
Port Hub gets all power from Upstream USB VBus).
High = Self/local power source is available.
TEST Pins
TEST[1:0]
IPD
Used for testing the chip. User must treat as a no-connect
or connect to ground. For board testing, all signal pins are
included in an XNOR chain, Please see 6.0, "XNOR Test,"
on page 30 for more details on the configuration and use
of the XNOR mode.
Analog Test
&
Internal 1.8V
voltage regulator
enable
ATEST/
REG_EN
AIO
This signal is used for testing the analog section of the
chip, and to enable or disable the internal 1.8v regulator.
This pin must be connected to VDDA3P3 to enable the
internal 1.8V regulator, or to VSS to disable the internal
regulator.
When the internal regulator is enabled, the 1.8V power
pins must be left unconnected, except for the required
bypass capacitors.When the PHY is in test mode, the
internal regulator is disabled and the ATEST pin functions
as a test pin.
TABLE 4-4:
POWER, GROUND, AND NO CONNECT
Name
Symbol
Type
Function
VDD1P8
VDD18
+1.8V core power.
If the internal regulator is enabled, then VDD18 pin
closest to VDD33CR must have a 4.7
F (or greater) ±20%
(ESR <0.1
capacitor to VSS
VDDPLL1P8
VDDA18PLL
+1.8V Filtered analog power for internal PLL.
If the internal regulator is enabled, then this pin must have
a 4.7
F (or greater) ±20% (ESR <0.1capacitor to VSS
VDDAPLL3P3
VDDA33PLL
+3.3V Filtered analog power for the internal PLL
If the internal PLL 1.8V regulator is enabled, then this pin
acts as the regulator input
VDDA3P3
VDDA33
+3.3V Filtered analog power.
VDD3P3
CORE
PLL
VDD33CR
+3.3V I/O and Core power.
VSS
VSS
Ground.
TABLE 4-5:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input.
IPD
Input, with a weak Internal pull-down.
IPU
Input, with a weak Internal pull-up.
IS
Input with Schmitt trigger.
O12
Output 12mA.
I/O12
Input/Output, 12mA
TABLE 4-3:
MISCELLANEOUS PINS (CONTINUED)
Name
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com