Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 10Page - Microchip Technology USB2503 Datasheet HTML 11Page - Microchip Technology USB2503 Datasheet HTML 12Page - Microchip Technology USB2503 Datasheet HTML 13Page - Microchip Technology USB2503 Datasheet HTML 14Page - Microchip Technology USB2503 Datasheet HTML 15Page - Microchip Technology USB2503 Datasheet HTML 16Page - Microchip Technology USB2503 Datasheet HTML 17Page - Microchip Technology USB2503 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 14
 2007 - 2016 Microchip Technology Inc.
When Dynamic Power switching is enabled, the Hub detects the availability of a local power source by monitoring the
external SELF_PWR pin. If the Hub detects a change in power source availability, the Hub immediately disconnects and
removes power from all downstream devices and disconnects the upstream port. The Hub will then re-attach to the
upstream port as either a Bus-Powered Hub (if local-power in unavailable) or a Self-Powered Hub (if local power is avail-
able).
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.16
Over-Current Timer
The time delay (in 2ms increments) for an over-current condition to persist before it is reported to the Host.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.17
Self-Powered Max Power
When in Self-Powered configuration, Sets value in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.18
Bus-Powered Max Power
When in Bus-Powered configuration, Sets value in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.19
Self-powered Hub Controller Current
When in Self-Powered configuration, Maximum current requirements of the Hub Controller in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.20
Bus-Powered Hub Controller Current
When in Bus-Powered configuration, Maximum current requirements of the Hub Controller in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.21
Power-On Timer
Time (in 2ms intervals) from the time power-on sequence begins on a port until power is good on that port. System soft-
ware uses this value to determine how long to wait before accessing a powered-on port.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.22
Power Switching Polarity
The selection of active state “polarity” for the PRTPWR[3:1] pins is made by a strapping option only.
5.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port can never provide power to its D+ or D- pull-
up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the Hub mon-
itors the state of the upstream VBUS signal and will not pull-up the D+ or D- resistor if VBUS is not active. If VBUS goes
from an active to an inactive state (Not Powered), Hub will remove power from the D+ or D- pull-up resistor within 10
seconds.
5.2
EEPROM Interface
The Microchip Hub can be configured via a 2-wire (I2C) EEPROM. (Please see Figure 4-1, "3-Port Hub Pin Descrip-
tions" for specific details on how to enable the I2C EEPROM option).
The Internal state-machine will, (when configured for EEPROM support) read the external EEPROM for configuration
data. The hub will then “attach” to the upstream USB host.
Please see Table 5-1 User-Defined Descriptor Data for a list of data fields available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com