Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 5Page - Microchip Technology USB2503 Datasheet HTML 6Page - Microchip Technology USB2503 Datasheet HTML 7Page - Microchip Technology USB2503 Datasheet HTML 8Page - Microchip Technology USB2503 Datasheet HTML 9Page - Microchip Technology USB2503 Datasheet HTML 10Page - Microchip Technology USB2503 Datasheet HTML 11Page - Microchip Technology USB2503 Datasheet HTML 12Page - Microchip Technology USB2503 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 9
USB2503/USB2503A
Port Power Polarity
strapping.
PRTPWR_POL
I/O12
Port Power Polarity strapping determination for the active
signal polarity of the PRTPWR[3:1] pins.
While RESET_N is asserted, the logic state of this pin will
(though the use of internal combinatorial logic) determine the
active state of the PRTPWR[3:1] pins in order to ensure that
downstream port power is not inadvertently enabled to
inactive ports during a hardware reset.
When RESET_N is negated, the logic value will be latched
internally, and will retain the active signal polarity for
PRTPWR[3:1] pins.
‘1’ = PRTPWR[3:1] pins have an active ‘high’ polarity
‘0’ = PRTPWR[3:1] pins have an active ‘low’ polarity
Over Current
Sense
OCS[3:1]_N
IPU
Input from external current monitor indicating an over-current
condition. {Note: Contains internal pull-up to 3.3V supply}
USB Transceiver
Bias
RBIAS
I-R
A 12.0k
 (resistor is attached from ground to this pin
to set the transceiver’s internal bias settings.
SERIAL PORT INTERFACE
Serial Data/SMB
Data
SDA/SMBDATA
IOSD12
(Serial Data)/(SMB Data) signal.
Serial Clock/SMB
Clock
&
Chip Select /
EEPROM Select
SCL/SMBCLK/
CFG_SEL0
IOSD12
(Serial Clock)/(SMB Clock) signal. This multifunction pin is
read on the rising edge of RESET_N negation and will
determine the hub configuration method as described in
TABLE 4-2:.
SMB Programming
Select
CFG_SEL1
I
This pin is read on the rising edge of RESET_N negation and
will determine the hub configuration method as described in
TABLE 4-2:.
TABLE 4-2:
SMBUS OR EEPROM INTERFACE BEHAVIOR
CFG_SEL1
CFG_SEL0
SMBus or EEPROM Interface Behavior
0
X
Configured as an SMBus slave for external download of user-defined
descriptors. SMBus slave address is: 0101101
1
0
Internal Default Configuration via strapping options.
1
1
2-wire (I2C) EEPROMS are supported, and CFG_SEL0 has no other
functionality.
TABLE 4-3:
MISCELLANEOUS PINS
Name
Symbol
Type
Function
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or to
an external 24MHz clock when a crystal is not used.
Crystal Output
XTAL2
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left unconnected
when an external clock source is used to drive
XTAL1/CLKIN. It must not be used to drive any external
circuitry other than the crystal circuit.
Clock Input
Enable
CLKIN_EN
I
Clock In Enable:
Low = XTAL1 and XTAL2 pins configured for use with
external crystal
High = XTAL1 pin configured as CLKIN, and must be
driven by an external CMOS clock.
TABLE 4-1:
3-PORT HUB PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com