Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 100Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 101Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 102Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 103Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 104Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 105Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 106Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 107Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 104
2013-2015 Microchip Technology Inc.
5.4
Power Consumption
This section details the device power measurements taken over various operating conditions. Unless otherwise noted,
all measurements were taken with power supplies at nominal values (VDDIO, VDD1A, VDD2A = 3.3 V, VDDCR = 1.2 V).
See Section 3.8.3, "Power-Down Modes" for a description of the power down modes.
5.4.1
REF_CLK IN MODE
5.4.1.1
Regulator Disabled
5.4.1.2
Regulator Enabled
TABLE 5-2:
CURRENT CONSUMPTION AND POWER DISSIPATION (REF_CLK IN, REG.
DISABLED)
Power Pin Group
3.3 V Device
Current (mA)
1.2 V Device
Current (mA)
3.3 V Device
Current w/
Magnetics
(mA)
Total Device
Power (mW)
nRESET
Typical
9.8
11
9.8
50
100BASE-TX /W TRAFFIC
Typical
27
20
70
124
10BASE-T /W TRAFFIC
Typical
10
13
114
54
ENERGY DETECT
POWER DOWN
Typical
4.6
2.1
4.6
19
GENERAL POWER DOWN
Typical
0.8
1.9
0.7
5.3
TABLE 5-3:
CURRENT CONSUMPTION AND POWER DISSIPATION (REF_CLK IN, REG.
ENABLED)
Power Pin Group
Device Current (mA)
Device Current w/
Magnetics (mA)
Total Device Power
(mW)
nRESET
Typical
21
21
71
100BASE-TX /W TRAFFIC
Typical
50
92
163
10BASE-T /W TRAFFIC
Typical
24
129
81
ENERGY DETECT
POWER DOWN
Typical
6.8
6.9
23
GENERAL POWER DOWN
Typical
3.5
3.5
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com