Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 108 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 108 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 104Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 105Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 106Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 107Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 108Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 109Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 110Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 111Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 108
2013-2015 Microchip Technology Inc.
5.6
AC Specifications
This section details the various AC timing specifications of the device.
5.6.1
EQUIVALENT TEST LOAD
Output timing specifications assume a 25 pF equivalent test load, unless otherwise noted, as illustrated in Figure 5-1
below.
5.6.2
POWER SEQUENCE TIMING
This diagram illustrates the device power sequencing requirements. The VDDIO, VDD1A, VDD2A and magnetics power
supplies can turn on in any order provided they all reach operational levels within the specified time period tpon. Device
power supplies can turn off in any order provided they all reach 0 volts within the specified time period tpoff.
It is acceptable for the VDD1A/VDD2A supply to remain powered up while the VDDCR and VDDIO supplies are at zero
volts for a period not to exceed 750 ms. In this case, nRESET must be asserted while VDDCR and/or VDDIO is off, and
must remain asserted for a minimum of 50 ms after the VDDCR and VDDIO supplies reach operational level. Addition-
ally, VDDIO must come up with or after the VDDCR supply. Configuration straps must meet the requirements specified
in Section 5.6.3, "Power-On nRST & Configuration Strap Timing".
FIGURE 5-1:
OUTPUT EQUIVALENT TEST LOAD
FIGURE 5-2:
POWER SEQUENCE TIMING
TABLE 5-10:
POWER SEQUENCE TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
tpon
Power supply turn on time
50
ms
tpoff
Power supply turn off time
500
ms
Note:
When the internal regulator is disabled, a power-up sequencing relationship exists between VDDCR and
the 3.3 V power supply. For additional information refer to Section 3.7.3, "REGOFF: Internal +1.2 V Regu-
lator Configuration".
25 pF
OUTPUT
VDDIO
Magnetics
Power
tpon
tpoff
VDD1A,
VDD2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com