Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 111 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 111 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 107Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 108Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 109Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 110Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 111Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 112Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 113Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 114Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 111
LAN8742A/LAN8742Ai
5.6.4.2
RMII Timing (REF_CLK In Mode)
The 50 MHz REF_CLK IN timing applies to the case when nINTSEL is floated or pulled-high. In this mode, a 50 MHz
clock must be input on the CLKIN pin. For more information on REF_CLK In Mode, see Section 3.7.4, "nINTSEL:
nINT/REFCLKO Configuration".
Note 1: Timing was designed for system load between 10 pF and 25 pF.
Note:
The CRS_DV pin performs both carrier sense and data valid functions. CRS_DV is asserted asynchro-
nously on detection of carrier due to the criteria relevant to the operating mode. If the PHY has additional
bits to be presented on RXD[1:0] following the initial deassertion of CRS_DV, then the device will assert
CRS_DV on cycles of REF_CLK which present the second di-bit of each nibble and deassert CRS_DV on
cycles of REF_CLK which present the first di-bit of a nibble. For additional information, refer to the RMII
specification.
FIGURE 5-5:
RMII TIMING (REF_CLK IN MODE)
TABLE 5-13:
RMII TIMING VALUES (REF_CLK IN MODE)
Symbol
Description
Min.
Typ.
Max.
Unit
Note
tclkp
CLKIN period
20
ns
tclkh
CLKIN high time
tclkp * 0.35
tclkp * 0.65
ns
tclkl
CLKIN low time
tclkp * 0.35
tclkp * 0.65
ns
toval
RXD[1:0], RXER, CRS_DV output
valid from rising edge of CLKIN
15.0
ns
(see Note 1)
toinvld
RXD[1:0], RXER, CRS_DV output
invalid from rising edge of CLKIN
3.0
ns
(see Note 1)
tsu
TXD[1:0], TXEN setup time to ris-
ing edge of CLKIN
4.0
ns
(see Note 1)
tihold
TXD[1:0], TXEN input hold time
after rising edge of CLKIN
1.5
ns
(see Note 1)
tclkh
tclkl
tclkp
toval
toinvld
toval
toval
toinvld
tsu tihold
tsu tihold
tihold
tsu
tihold
CLKIN
(REF_CLK)
(INPUT)
RXD[1:0], RXER
(OUTPUTS)
CRS_DV
(OUTPUT)
TXD[1:0]
(INPUTS)
TXEN
(INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com