Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 113 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 113 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 109Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 110Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 111Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 112Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 113Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 114Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 115Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 116Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 113
LAN8742A/LAN8742Ai
5.7
Clock Circuit
The device can accept either a 25 MHz crystal or a 25 MHz single-ended clock oscillator (±50ppm) input. If the single-
ended clock oscillator method is implemented, XTAL2 should be left unconnected and XTAL1/CLKIN should be driven
with a nominal 0-3.3 V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(XTAL1/XTAL2). Either a 300 µW or 100 µW 25 MHz crystal may be utilized. The 300 µW 25 MHz crystal specifications
are detailed in Section 5.7.1, "300 µW 25 MHz Crystal Specifications". The 100 µW 25 MHz crystal specifications are
detailed in Section 5.7.2, "100 µW 25 MHz Crystal Specifications".
5.7.1
300 µW 25 MHZ CRYSTAL SPECIFICATIONS
When utilizing a 300 µW 25 MHz crystal, the following circuit design (Figure 5-7) and specifications (Table 5-16) are
required to ensure proper operation.
Note 1: The maximum allowable values for frequency tolerance and frequency stability are application dependent.
Since any particular application must meet the IEEE ±50 ppm Total PPM Budget, the combination of these
two values must be approximately ±45 ppm (allowing for aging).
2: Frequency Deviation Over Time is also referred to as Aging.
FIGURE 5-7:
300 µW 25 MHZ CRYSTAL CIRCUIT
TABLE 5-16:
300 µW CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min.
Nom.
Max.
Unit
Note
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance at 25oCFtol
-
-
±50
ppm
(see Note 1)
Frequency Stability Over Temp
Ftemp
-
-
±50
ppm
(see Note 1)
Frequency Deviation Over Time
Fage
-
±3 to 5
-
ppm
(see Note 2)
Total Allowable PPM Budget
-
-
±50
ppm
(see Note 3)
Shunt Capacitance
CO
-7 typ
-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
300
-
-
µW
Equivalent Series Resistance
R1
--50
Ω
Operating Temperature Range
(see Note 4)-
(see Note 5) oC
XTAL1/CLKIN Pin Capacitance
-
3 typ
-
pF
(see Note 6)
XTAL2 Pin Capacitance
-
3 typ
-
pF
(see Note 6)
LAN8742
XTAL2
XTAL1
Y1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com