Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 110 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 110 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 106Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 107Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 108Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 109Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 110Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 111Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 112Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 113Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 110
2013-2015 Microchip Technology Inc.
5.6.4
RMII INTERFACE TIMING
5.6.4.1
RMII Timing (REF_CLK Out Mode)
The 50 MHz REF_CLK OUT timing applies to the case when nINTSEL is pulled-low. In this mode, a 25 MHz crystal or
clock oscillator must be input on the XTAL1/CLKIN and XTAL2 pins. For more information on REF_CLK Out Mode, see
Section 3.7.4.2, "REF_CLK Out Mode".
Note 1: Timing was designed for system load between 10 pf and 25 pf.
Note:
The CRS_DV pin performs both carrier sense and data valid functions. CRS_DV is asserted asynchro-
nously on detection of carrier due to the criteria relevant to the operating mode. If the PHY has additional
bits to be presented on RXD[1:0] following the initial deassertion of CRS_DV, then the device will assert
CRS_DV on cycles of REF_CLK which present the second di-bit of each nibble and deassert CRS_DV on
cycles of REF_CLK which present the first di-bit of a nibble. For additional information, refer to the RMII
specification.
FIGURE 5-4:
RMII TIMING (REF_CLK OUT MODE)
TABLE 5-12:
RMII TIMING VALUES (REF_CLK OUT MODE)
Symbol
Description
Min.
Max.
Unit
Note
tclkp
REFCLKO period
20
ns
tclkh
REFCLKO high time
tclkp*0.4
tclkp*0.6
ns
tclkl
REFCLKO low time
tclkp*0.4
tclkp*0.6
ns
toval
RXD[1:0], RXER, CRS_DV output valid from ris-
ing edge of REFCLKO
7.0
ns
(see Note 1)
toinvld
RXD[1:0], RXER, CRS_DV output invalid from
rising edge of REFCLKO
3.0
ns
(see Note 1)
tsu
TXD[1:0], TXEN setup time to rising edge of
REFCLKO
7.5
ns
(see Note 1)
tihold
TXD[1:0], TXEN input hold time after rising edge
of REFCLKO
2.0
ns
(see Note 1)
tclkh
tclkl
tclkp
toval
toinvld
toval
toval
toinvld
tsu tihold
tsu tihold
tihold
tsu
tihold
REFCLKO
(OUTPUT)
RXD[1:0], RXER
(OUTPUTS)
CRS_DV
(OUTPUT)
TXD[1:0]
(INPUTS)
TXEN
(INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com