Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 119 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 119 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 115Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 116Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 117Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 118Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 119Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 120Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 121Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 122Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 119
LAN8742A/LAN8742Ai
APPENDIX A: REVISION HISTORY
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION
Revision A
(09-07-15)
Replaces the previous SMSC version Rev. 1.1
• Added Note and Trademark page
• Added Worldwide Sales and Services page
• Added Product Identification System
• Changed ‘QFN’ to ‘VQFN’
Chapter 2, "Pin Description and
Configuration"
• Figure 2-1: rotated 90° cw
• Table 2-3, “Serial Management Interface (SMI)
Pins”: Changed “VIS/VOD8 (PU)” to “VIS/VO8
(PU)”
Section 4.1, "Register Nomenclature"
Table 4-1, “Register Bit Types”, register bit
description for byte type notification ‘W’: Changed
“read” to ‘written”
Section 5.6.4, "RMII Interface Timing"
Updated RMII timing table: Updated REF_CLK In
mode toval max from “14.0 ns” to “15.0 ns”
Section 5.7, "Clock Circuit"
Added new 100 µW crystal specifications and circuit
diagram. The section is now split into two
subsections, one for 300 µW crystals and the other
for 100 µW crystals.
Chapter 6, "Package Outline"
Updated package outline drawing information
Rev. 1.1
(05-21-13)
General
• Changed part numbers from
“LAN8742/LAN8742i” to
“LAN8742A/LAN8742Ai”
• Updated ordering information
• Updated figures
Chapter 2, "Pin Description and
Configuration", Table 2-3, “Serial
Management Interface (SMI) Pins”
• Added pull-up to MDIO buffer type description
• Changed “VIS/VOD8 (PU)” to “VIS/VO8 (PU)”
Section 3.1.2.9, "100M Receive Data
Across the RMII Interface"
Updated description
Section 3.3, "HP Auto-MDIX Support"
Changed “100BASE-T” to “100BASE-TX”
Section 3.4.1.1, "CRS_DV - Carrier
Sense/Receive Data Valid"
Changed “100BASE-X” to “100BASE-TX”
Section 3.5, "Serial Management
Interface (SMI)"
Removed sentence stating “Non-supported registers
(such as 7 to 15) will be read as hexadecimal
“FFFF”.
Section 3.7.4.2, "REF_CLK Out Mode" Added note: “In REF_CLK Out Mode, REFCLKO will
not output when the device is in Energy Detect
Power-Down Mode or General Power-Down Mode.”
Section 3.8.3.1, "General Power-Down" Added note: “In REF_CLK Out Mode, REFCLKO will
not output when the device is in General Power-
Down Mode.”
Section 3.8.3.2, "Energy Detect Power-
Down (EDPD)"
Added note: “In REF_CLK Out Mode, REFCLKO will
not output when the device is in Energy Detect
Power-Down Mode.”
Section 3.8.9, "Cable Diagnostics"
Updated section with additional operation details
Chapter 4, "Register Descriptions"
Removed
- TDR Channel Threshold Maximum Register
- TDR Wait Counter Threshold Register
- TDR TX Pattern Generator Divider Register
Section 4.2.2, "Basic Status Register"
Updated definitions of bits 10:8
Section 4.2.18, "Special Control/Status
Indications Register"
Updated bit 11 definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com