Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 120 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 120 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 116Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 117Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 118Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 119Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 120Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 121Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 122Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 123Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 124Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 120 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 120
 2013-2015 Microchip Technology Inc.
Rev. 1.1
(05-21-13)
Section 4.3, "MDIO Manageable Device
(MMD) Registers"
Added additional vendor specific MMD register
descriptions
Section 4.3.7, "MAC Receive Address
A Register (RX_ADDRA)"
Added note
Section 4.3.8, "MAC Receive Address
B Register (RX_ADDRB)"
Added note
Section 4.3.9, "MAC Receive Address
C Register (RX_ADDRC)"
Added note
Section 5.1, "Absolute Maximum
Ratings*"
Changed: Positive voltage on XTAL1/CLKIN, with
respect to ground from “VDDCR” to “+3.6V”
Section 5.3, Table 5-1, “Package
Thermal Parameters”
Updated package thermal specification values
Section 5.4, "Power Consumption"
Updated power numbers
Section 5.5, "DC Specifications"
Changed VIHI max of ICLK Type Buffer from
“VDDCR” to “3.6”
Section 5.6, "AC Specifications"
Removed two RMII notes at beginning of section
Section 5.6.2, "Power Sequence
Timing"
Updated power sequencing requirements
Section 5.6.4, "RMII Interface Timing"
• Added note detailing CRS_DV behavior as both
carrier sense and data valid
• Split REF_CLK In and REF_CLK Out modes
into two subsections and updated RMII timing
tables
• Updated MII timing table
Rev. 1.0
(05-07-12)
Initial Release
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com