Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
20
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Reset
There are four types of resets: a hardware reset, a software reset, an watchdog timer reset, and an oscilla-
tion stop detection reset.
Hardware Reset
There are two types of hardware resets: a hardware reset 1 and a hardware reset 2.
Hardware Reset 1
____________
____________
A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the
power supply voltage is within the recommended operating condition, the pins are initialized (see
Table 1.5.1). The oscillation circuit is initialized and the main clock starts oscillating. When the input
____________
level at the RESET pin is released from “L” to “H”, the CPU and SFR are initialized, and the program
is executed starting from the address indicated by the reset vector. The internal RAM is not initialized.
____________
If the RESET pin is pulled “L” while writing to the internal RAM, the internal RAM becomes indetermi-
nate.
Figure 1.5.1 shows the example reset circuit. Figure 1.5.2 shows the reset sequence. Table 1.5.1
____________
shows the statuses of the other pins while the RESET pin is “L”. Figure 1.5.3 shows the CPU register
status after reset. Refer to “SFR” for SFR status after reset.
1. When the power supply is stable
____________
(1) Apply an “L” signal to the RESET pin.
(2) Supply a clock for 20 cycles or more to the XIN pin.
____________
(3) Apply an “H” signal to the RESET pin.
2. Power on
____________
(1) Apply an “L” signal to the RESET pin.
(2) Let the power supply voltage increase until it meets the recommended operating condition.
(3) Wait td(P-R) or more until the internal power supply stabilizes.
(4) Supply a clock for 20 cycles or more to the XIN pin.
____________
(5) Apply an “H” signal to the RESET pin.
Hardware Reset 2
This reset is generated by the microcomputer’s internal voltage detection circuit. The voltage detec-
tion circuit monitors the voltage supplied to the VCC1 pin.
If the VC26 bit in the VCR2 register is set to “1” (reset level detection circuit enabled), the microcom-
puter is reset when the voltage at the VCC1 input pin drops below Vdet3.
Similarly, if the VC25 bit in the VCR2 register is set to “1” (RAM retention limit detection circuit en-
abled), the microcomputer is reset when the voltage at the VCC1 input pin drops below Vdet2.
Conversely, when the input voltage at the VCC1 pin rises to Vdet3 or more, the pins and the CPU and
SFR are initialized, and the program is executed starting from the address indicated by the reset
vector. It takes about td(S-R) before the program starts running after Vdet3 is detected. The initialized
pins and registers and the status thereof are the same as in hardware reset 1.
Set the CM10 bit in the CM1 register to “1” (stop mode) after setting the VC25 bit to “1” (RAM retention
limit detection circuit enabled), and the microcomputer will be reset when the voltage at the VCC1
input pin drops below Vdet2 and comes out of reset when the voltage at the VCC1 input pin rises above
Vdet3. During stop mode, the value set in the VC26 bit has no effect. Therefore, no reset is generated
even when the input voltage at the VCC1 pin drops to Vdet3 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com