Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 349 page
background image
Bus
38
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Table 1.7.4. Microcomputer Status in Hold State
Item
Status
BCLK
Output
_______
_______
_____
________
_________ _______ _______
A0 to A19, D0 to D15, CS0 to CS3, RD, WRL, WRH, WR, BHE
High-impedance
I/O ports
P0, P1, P3, P4(Note 2)
High-impedance
P6 to P14(Note 1)
Maintains status when hold signal is received
__________
HLDA
Output “L”
Internal peripheral circuits
ON (but watchdog timer stops)
ALE signal
Undefined
__________
HOLD > DMAC > CPU
(7) Hold Signal
This signal is used to transfer control of the bus from the CPU or DMA to an external circuit. When input
__________
on the HOLD pin is asserted “L”, the microcomputer goes to a hold state after completing the bus access
__________
then in progress. While the HOLD pin is held “L”, the microcomputer remains in a hold state, outputting a
__________
low signal from the HLDA pin.
Table 1.7.4 shows the microcomputer status in the hold state.
__________
Bus-using priorities are given to HOLD, DMAC, and CPU in order of decreasing precedence.
Figure 1.7.5. Bus-using Priorities
Note 1: P11 to P14 are included in the 128-pin version.
Note 2: When I/O port function is selected.
(8) BCLK Output
If the PM07 bit in the PM0 register is set to “0” (output enable), a clock with the same frequency as that
of the CPU clock is output as BCLK from the BCLK pin. Refer to “CPU clock and pheripheral clock”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com