Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 41 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 41 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 45Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 349 page
background image
Bus
40
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
(10) Software Wait
Software wait states can be inserted by using the PM17 bit in the PM1 register, the CS0W to CS3W bits
in the CSR register, and the CSE register.
________
To use the RDY signal, set the corresponding CS3W to CS0W bit to “0”. Figure 1.7.6 shows the CSE
register. Table 1.7.7 shows the software wait related bits and bus cycles. Figure 1.7.7 and 1.7.8 show the
typical bus timings using software wait.
(9) External Bus Status When Internal Area Accessed
Table 1.7.6 shows the external bus status when the internal area is accessed.
Table 1.7.6. External Bus Status When Internal Area Accessed
Item
SFR accessed
Internal ROM, RAM accessed
A0 to A19
Address output
Maintain status before accessed
address of external area or SFR
D0 to D15
When read
High-impedance
High-impedance
When write
Output data
Undefined
RD, WR, WRL, WRH
RD, WR, WRL, WRH output
Output “H”
BHE
BHE output
Maintain status before accessed
status of external area or SFR
CS0 to CS3
Output “H”
Output “H”
ALE
Output “L”
Output “L”
Figure 1.7.6. CSE Register
Function
Bit symbol
Bit name
Chip select expansion control register
Symbol
Address
After reset
CSE
001B16
0016
RW
b7
b6
b5
b4
b3
b2
b1
b0
CSE00W
CS0 wait expansion bit
0 0: 1 wait
0 1: 2 waits
1 0: 3 waits
1 1: Must not be set
b1 b0
CSE01W
(Note)
CSE10W
CS1 wait expansion bit
0 0: 1 wait
0 1: 2 waits
1 0: 3 waits
1 1: Must not be set
b3 b2
CSE11W
(Note)
CSE20W
CS2 wait expansion bit
0 0: 1 wait
0 1: 2 waits
1 0: 3 waits
1 1: Must not be set
b5 b4
CSE21W
(Note)
CSE30W
CS3 wait expansion bit
0 0: 1 wait
0 1: 2 waits
1 0: 3 waits
1 1: Must not be set
b7 b6
CSE31W
(Note)
Note: Set the CSiW bit (i = 0 to 3) in the CSR register to “0” (with wait state) before writing to the CSEi1W to
CSEi0W bits. If the CSiW bit needs to be set to “1” (without wait state), set the CSEi1W to CSEi0W bits to “
002” before setting it.
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com