Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 82 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 82 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 86Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 349 page
background image
Interrupts
81
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.11.3. Interrupt Control Registers
Symbol
Address
After reset
INT3IC (Note 4)
004416
XX00X0002
S4IC/INT5IC
004816
XX00X0002
S3IC/INT4IC
004916
XX00X0002
INT0IC to INT2IC
005D16 to 005F16
XX00X0002
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
ILVL0
IR
POL
No functions are assigned.
When writing to these bits, write “0”. The values in these bits
when read are indeterminate.
Interrupt priority level
select bit
Interrupt request bit
Polarity select bit
Reserved bit
0: Interrupt not requested
1: Interrupt requested
0 : Selects falling edge (Notes 3, 5)
1 : Selects rising edge
Must always be set to “0”
ILVL1
ILVL2
Note 1: This bit can only be reset by writing "0" (Do not write "1").
Note 2: To rewrite the interrupt control register, do so at a point that does not generate the interrupt request for that
register. For details, see the precautions for interrupts.
Note 3: If the IFSR register’s IFSRi bit (i = 0 to 5) is "1" (both edges), set the INTiIC register’s POL bit to "0 "(falling
edge).
Note 4: During memory expansion and microprocessor modes, set the INT3IC register’s ILVL2 to ILVL0 bits to ‘0002’
(interrupt disabled).
Note 5: Set the S3IC or S4IC register’s POL bit to "0" (falling edge) when the IFSR register’s IFSR6 bit = 0 (SI/O3
selected) or IFSR7 bit = 0 (SI/O4 selected), respectively.
(Note 1)
Interrupt control register (Note 2)
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Function
Bit symbol
RW
Symbol
Address
After reset
TB5IC
004516
XXXXX0002
TB4IC/U1BCNIC (Note 3)
004616
XXXXX0002
TB3IC/U0BCNIC (Note 3)
004716
XXXXX0002
BCNIC
004A16
XXXXX0002
DM0IC, DM1IC
004B16, 004C16
XXXXX0002
KUPIC
004D16
XXXXX0002
ADIC
004E16
XXXXX0002
S0TIC to S2TIC
005116, 005316, 004F16
XXXXX0002
S0RIC to S2RIC
005216, 005416, 005016
XXXXX0002
TA0IC to TA4IC
005516 to 005916
XXXXX0002
TB0IC to TB2IC
005A16 to 005C16
XXXXX0002
ILVL0
IR
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
No functions are assigned.
When writing to these bits, write “0”. The values in these bits
when read are indeterminate.
(Note 1)
Note 1: This bit can only be reset by writing "0" (Do not write "1").
Note 2: To rewrite the interrupt control registers, do so at a point that does not generate the interrupt request for that
register. For details, see the precautions for interrupts.
Note 3: Use the IFSR2A register to select.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0
RW
RW
RW
RW
(b7-b4)
RW
RW
RW
RW
RW
RW
RW
RW
(b7-b6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com