Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 349 page
background image
Reset
21
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Software Reset
When the PM03 bit in the PM0 register is set to “1” (microcomputer reset), the microcomputer has its pins,
CPU, and SFR initialized. Then the program is executed starting from the address indicated by the reset
vector.
Select the main clock for the CPU clock source, and set the PM03 bit to “1” with main clock oscillation
satisfactorily stable.
At software reset, some SFR’s are not initialized. Refer to “SFR”. Also, since the PM01 to PM00 bits in the
PM0 register are not initialized, the processor mode remains unchanged.
Watchdog Timer Reset
Where the PM12 bit in the PM1 register is “1” (reset when watchdog timer underflows), the microcom-
puter initializes its pins, CPU and SFR if the watchdog timer underflows. Then the program is executed
starting from the address indicated by the reset vector.
At watchdog timer reset, some SFR’s are not initialized. Refer to “SFR”. Also, since the PM01 to PM00
bits in the PM0 register are not initialized, the processor mode remains unchanged.
Oscillation Stop Detection Reset
Where the CM27 bit in the CM2 register is “0” (reset at oscillation stop detection), the microcomputer
initializes its pins, CPU and SFR, coming to a halt if it detects main clock oscillation circuit stop. Refer to
the section “oscillation stop, re-oscillation detection function”.
At oscillation stop detection reset, some SFR’s are not initialized. Refer to the section “SFR”. Also, since
the PM01 to PM00 bits in the PM0 register are not initialized, the processor mode remains unchanged.
Figure 1.5.1. Example Reset Circuit
RESET
VCC1
RESET
VCC1
0V
0V
More than 20 cycles of XIN + td(P-R)
are needed.
Equal to or less
than 0.2VCC1
Note : When the microcomputer is used under the condition VCC1
≥ VCC2, make sure the VCC2 voltage does not
exceed the VCC1 voltage when powering up, or powering down the microcomputer.
Equal to or less
than 0.2VCC1
Recommended
operating
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com