Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 38 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 38 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 42Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 349 page
background image
Bus
37
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
________
Figure 1.7.4. Example in which Wait State was Inserted into Read Cycle by RDY Signal
BCLK
RD
CSi
(i=0 to 3)
RDY
tsu(RDY - BCLK)
BCLK
RD
CSi
(i=0 to 3)
RDY
tsu(RDY - BCLK)
In an instance of separate bus
In an instance of multiplexed bus
Accept timing of RDY signal
: Wait using RDY signal
: Wait using software
Accept timing of RDY signal
Shown above is the case where CSEiW to CSEi1W (i = 0 to 3) bits are “002” (one wait state).
________
(6) The RDY Signal
This signal is provided for accessing external devices which need to be accessed at low speed. If input on
________
the RDY pin is asserted low at the last falling edge of BCLK of the bus cycle, one wait state is inserted in
________
the bus cycle. While in a wait state, the following signals retain the state in which they were when the RDY
signal was acknowledged.
______
______
______ ________
________
______
________
__________
A0 to A19, D0 to D15, CS0 to CS3, RD, WRL, WRH, WR, BHE, ALE, HLDA
________
Then, when the input on the RDY pin is detected high at the falling edge of BCLK, the remaining bus cycle
is executed. Figure 1.7.4 shows example in which the wait state was inserted into the read cycle by the
________
________
RDY signal. To use the RDY signal, set the corresponding bit (CS3W to CS0W bits) in the CSR register
________
________
to “0” (with wait state). When not using the RDY signal, process the RDY pin as an unused pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com