Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 46 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 46 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 50Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 349 page
background image
45
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Function
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Microprocessor mode
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
8000016
0800016
Memory expansion mode
SFR
Internal RAM
Internal ROM
Reserved area
Reserved, external area
CS2(PM10=0: 124 Kbytes)
CS1(32 Kbytes)
CS0(Microprocessor mode:832 Kbytes)
2800016
3000016
Reserved area
2700016
Capacity
Address YYYYY16
128 Kbytes
E000016
256 Kbytes
C000016
Capacity
Address XXXXX16
12 Kbytes
033FF16
20 Kbytes
053FF16
10 Kbytes
02BFF16
24 Kbytes
063FF16
384 Kbytes
A000016
512 Kbytes
8000016
PM13=1
External
area
1000016
SFR
Internal RAM
Reserved area
Reserved area
External area
CS2 (PM10=1: 92 Kbytes)
CS0(Memory expansion mode:320 Kbytes )
Internal RAM
Internal ROM
CS0
Memory expansion mode
3000016–7FFFF16
External area
CS1
Microprocessor mode
3000016–FFFFF16
2800016–
2FFFF16
CS2
When PM10=0
0800016–26FFF16
When PM10=1
1000016–26FFF16
CS3
No area
4 Kbytes
013FF16
5 Kbytes
017FF16
31 Kbytes
07FFF16
48 Kbytes
F400016
64 Kbytes
F000016
96 Kbytes
E800016
192 Kbytes
D000016
320 Kbytes
B000016
16 Kbytes
043FF16
Reserved, external area
Microprocessor mode
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
0800016
Memory expansion mode
SFR
Internal RAM
Internal ROM
Reserved area
Reserved area
CS3(16 Kbytes)
CS2(PM10=0: 124 Kbytes)
CS1(32 Kbytes)
CS0(Microprocessor mode:832 Kbytes)
2800016
3000016
0400016
Reserved area
2700016
Capacity
Address YYYYY16
128 Kbytes E000016
256 Kbytes D000016(Note)
Capacity
Address XXXXX16
12 Kbytes 033FF16
20 Kbytes 03FFF16(Note)
10 Kbytes 02BFF16
24 Kbytes
03FFF16(Note)
384 Kbytes D000016(Note)
512 Kbytes D000016(Note)
PM13=0
Reserved, External area
External area
1000016
SFR
Internal RAM
Reserved area
Reserved area
Reserved, external area
External area
CS2 (PM10=1: 92 Kbytes)
CS0(Memory expansion mode:640 Kbytes )
Internal RAM
Internal ROM
CS0
Memory expansion mode
3000016–CFFFF16
External area
CS1
Microprocessor mode
3000016–FFFFF16
2800016–
2FFFF16
CS2
When PM10=0
0800016–26FFF16
When PM10=1
1000016–26FFF16
CS3
0400016–
07FFF16
4 Kbytes 013FF16
5 Kbytes 017FF16
31 Kbytes
03FFF16(Note)
48 Kbytes F400016
64 Kbytes F000016
96 Kbytes E800016
192 Kbytes D000016
320 Kbytes D000016(Note)
16 Kbytes 03FFF16(Note)
Note : If PM13 bit is set to “0”, 15 Kbytes of the internal RAM and 192 Kbytes of the internal ROM can be used.
______
Figure 1.8.2. Memory Mapping and CS Area in 1 Mbyte Mode (PM13=0)
______
Figure 1.8.3. Memory Mapping and CS Area in 1 Mbyte Mode (PM13=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com