Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 92 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 92 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 96Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 349 page
background image
Interrupts
91
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Address Match Interrupt
An address match interrupt is generated immediately before executing the instruction at the address indi-
cated by the RMADi register (i=0 to 3). Set the start address of any instruction in the RMADi register. Use
the AIER register’s AIER0 and AIER1 bits and the AIER2 register’s AIER20 and AIER21 bits to enable or
disable the interrupt. Note that the address match interrupt is unaffected by the I flag and IPL. For address
match interrupts, the value of the PC that is saved to the stack area varies depending on the instruction
being executed. Figure 1.11.12 shows the instruction just before execution and address stored in the stack
when there occurs interruption.
Note that when using the external data bus in width of 8 bits, the address match interrupt cannot be used for
external area.
Figure 1.11.13 shows the AIER, AIER2, and RMAD0 to RMAD3 registers.
(1) Instructions in which the "return destination + 2" address is stored in the stack when address match
interrupt occurs
• 16-bit operation code
• Instruction shown below among 8-bit operation code instructions
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ.B:S
#IMM8,dest
STNZ.B:S
#IMM8,dest
STZX.B:S
#IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (However, dest = A0 or A1)
(2) Instructions in which the "return destination + 1" address is stored in the stack when address match
interrupt occurs
• Instructions other than the above
Figure 1.11.12. Instruction Just Before Execution and Address Stored in Stack When There
Occurs Interrupts
Table 1.11.6. Relationship Between Address Match Interrupt Sources and Associated Registers
Address match interrupt sources Address match interrupt enable bit
Address match interrupt register
Address match interrupt 0
AIER0
RMAD0
Address match interrupt 1
AIER1
RMAD1
Address match interrupt 2
AIER20
RMAD2
Address match interrupt 3
AIER21
RMAD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com