Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 71 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 71 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 75Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generation Circuit
70
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Table 1.9.7. Allowed Transition and Setting
High-speed mode,
middle-speed mode
Ring oscillator mode
Stop mode
Wait mode
Ring oscillator
low power dissipation
mode
PLL operation mode2
Low power dissipation
mode2
Low-speed mode2
State after transition
See Table A
--
(8)
(18)5
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
(5)
(7)
(7)
(5)
(5)
(5)
(7)
(7)
(6)
(6)
(6)
(6)
No
division
Divided
by 2
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
Setting
Operation
CM04 = 0
Sub clock turned off
CM04 = 1
Sub clock oscillating
CM06 = 0,
CPU clock no division mode
CM17 = 0 , CM16 = 0
CM06 = 0,
CPU clock division by 2 mode
CM17 = 0 , CM16 = 1
CM06 = 0,
CPU clock division by 4 mode
CM17 = 1 , CM16 = 0
CM06 = 1
CPU clock division by 8 mode
CM06 = 0,
CPU clock division by 16 mode
CM17 = 1 , CM16 = 1
CM07 = 0
Main clock, PLL clock,
or ring oscillator clock selected
CM07 = 1
Sub clock selected
CM05 = 0
Main clock oscillating
CM05 = 1
Main clock turned off
PLC07 = 0,
CM11 = 0
Main clock selected
PLC07 = 1,
CM11 = 1
PLL clock selected
CM21 = 0
Main clock or PLL clock selected
CM21 = 1
Ring oscillator clock selected
CM10 = 1
Transition to stop mode
wait
Transition to wait mode
Hardware interrupt
Exit stop mode or wait mode
(9)7
--
(10)
(11)1, 6
(12)3
(14)4
--
--
--
--
--
(13)3
(15)
--
--
--
--
--
--
--
(10)
--
--
--
--
--
--
--
--
(18)
(18)
--
--
(16)1
(17)
(16)1
(17)
(16)1
(17)
(16)1
(17)
(16)1
(17)
--
--
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(7)
(7)
(7)
(7)
(6)
(6)
(6)
(6)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Sub clock oscillating
Sub clock turned off
(18)5
(18)5
(18)
(18)
(18)
(18)
(18)
Table 1. State Transition with Main Clock Division Ration in High- or Middle-speed Mode,
Ring Oscillator Mode, and Ring Oscillator Low Power Dissipation Mode
Table B. Setting and Operation
Notes:
1. Avoid making a transition when the CM21 bit is set to “1” (oscillation stop, re-oscillation detection function enabled).
Set the CM21 bit to “0” (oscillation stop, re-oscillation detection function disabled) before transiting.
2. Ring oscillator clock oscillates and stops in low-speed mode and low power dissipation mode. In these mode,
the ring oscillator can be used as peripheral function clock.
Sub clock oscillates and stops in PLL operation mode. In this mode, sub clock can be used as peripheral function
clock.
3. PLL operation mode can only be entered from and changed to high-speed mode.
4. Set the CM06 bit to “1” (division by 8 mode) before transiting from ring oscillator mode to high- or middle-speed mode.
5. When exiting stop mode, the CM06 bit is set to “1” (division by 8 mode).
6. If the CM05 bit is set to “1” (main clock stop), then the CM06 bit is set to “1” (division by 8 mode).
7. A transition can be made only when sub clock is oscillating.
--: Cannot transit
(11)1
--: Cannot transit
High-speed mode,
middle-speed mode
Ring oscillator
mode
Stop mode
Wait mode
Ring oscillator
low power
dissipation mode
PLL operation
mode1
Low power
dissipation mode1
Low-speed mode1
See Table A
See Table A
Divided
by 4
Divided
by 8
Divided
by 16
No
division
Divided
by 2
Divided
by 4
Divided
by 8
Divided
by 16
No division
Divided by 4
Divided by 8
Divided by 16
Divided by 2
No division
Divided by 4
Divided by 8
Divided by 16
Divided by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com