Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 52 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 52 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 56Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 349 page
background image
Clock Generation Circuit
51
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
• CPU clock source
• Peripheral function
clock source
Use of clock
Main clock
oscillation circuit
Sub clock
oscillation circuit
Item
•CPU clock source
• Timer A, B's clock
source
Clock frequency
0 to 16 MHz
32.768 kHz
• Ceramic oscillator
• Crystal oscillator
Usable oscillator
• Crystal oscillator
XIN, XOUT
Pins to connect
oscillator
XCIN, XCOUT
Presence
Oscillation stop,
restart function
Presence
Oscillating
Oscillator status
after reset
Stopped
Externally derived clock can be input
Other
PLL frequency
synthesizer
10 to 24 MHz
Presence
Stopped
Ring oscillator
• CPU clock source
• Peripheral function clock source
• CPU and peripheral function
clock sources when the main
clock stops oscillating
About 1 MHz
Presence
Stopped
• CPU clock source
• Peripheral function clock
source
Clock Generation Circuit
The clock generation circuit contains four oscillator circuits as follows:
(1) Main clock oscillation circuit
(2) Sub clock oscillation circuit
(3) Ring oscillator (oscillation stop detect function)
(4) PLL frequency synthesizer
Table 1.9.1 lists the clock generation circuit specifications. Figure 1.9.1 shows the clock generation circuit.
Figures 1.9.2 to 1.9.6 show the clock-related registers.
Table 1.9.1. Clock Generation Circuit Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com