Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 75 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 75 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 79Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
74
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Protection
Protection
In the event that a program runs out of control, this function protects the important registers so that they will
not be rewritten easily. Figure 1.10.1 shows the PRCR register. The following lists the registers protected
by the PRCR register.
• Registers protected by PRC0 bit: CM0, CM1, CM2, PLC0 and PCLKR registers
• Registers protected by PRC1 bit: PM0, PM1, PM2, TB2SC, INVC0 and INVC1 registers
• Registers protected by PRC2 bit: PD9, S3C and S4C registers
• Registers protected by PRC3 bit: VCR2 and D4INT registers
Set the PRC2 bit to “1” (write enabled) and then write to any address, and the PRC2 bit will be cleared to “0”
(write protected). The registers protected by the PRC2 bit should be changed in the next instruction after
setting the PRC2 bit to “1”. Make sure no interrupts or DMA transfers will occur between the instruction in
which the PRC2 bit is set to “1” and the next instruction. The PRC0, PRC1 and PRC3 bits are not automati-
cally cleared to “0” by writing to any address. They can only be cleared in a program.
Protect register
Symbol
Address
After reset
PRCR
000A16
XX0000002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 : Write protected
1 : Write enabled
PRC1
PRC0
PRC2
Function
RW
Note: The PRC2 bit is set to “0” by writing to any address after setting it to “1”. Other bits are not set to “0”
by writing to any address, and must therefore be set in a program.
0
RW
RW
RW
Nothing is assigned. When write, set to “0”. When read, its
content is interdeterminate.
Reserved bit
Must set to “0”
RW
Protect bit 0
Protect bit 1
Protect bit 2
Enable write to CM0, CM1, CM2,
PLC0 and PCLKR registers
0 : Write protected
1 : Write enabled
Enable write to PM0, PM1, PM2,
TB2SC, INVC0 and INVC1
registers
0 : Write protected
1 : Write enabled
Enable write to PD9, S3C and
S4C registers
PRC3
RW
Protect bit 3
0 : Write protected
1 : Write enabled
Enable write to VCR2 and D4INT
registers
(b5-b4)
(b7-b6)
0
Figure 1.10.1. PRCR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com