Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 80 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 80 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 84Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 349 page
background image
Interrupts
79
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Table 1.11.2. Relocatable Vector Tables
Software interrupt
number
Reference
Note 1: Address relative to address in INTB.
Note 2: Use the IFSR register's IFSR6 and IFSR7 bits to select.
Note 3: During I2C mode, NACK and ACK interrupts comprise the interrupt source.
Note 4: Use the IFSR2A register’s IFSR26 and IFSR27 bits to select.
Note 5: These interrupts cannot be disabled using the I flag.
Vector address (Note 1)
Address (L) to address (H)
0
11
12
13
14
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
63
to
10
15
16
5
6
7
8
4
9
1 to 3
Interrupt source
BRK instruction
INT3
SI/O3, INT4
SI/O4, INT5
Timer B4, UART1 bus collision detect
Timer B5
(Note 2)
(Note 2)
DMA0
DMA1
Key input interrupt
A-D
UART0 transmit, NACK0
UART0 receive, ACK0
UART1 transmit, NACK1
UART1 receive, ACK1
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
INT0
INT1
INT2
Software interrupt
UART 2 bus collision detection
UART2 transmit, NACK2 (Note 3)
UART2 receive, ACK2 (Note 3)
(Note 4)
Timer B3, UART0 bus collision detect
(Note 4)
M16C/60, M16C/20
series software
manual
INT interrupt
Timer
Timer
Serial I/O
Serial I/O
INT interrupt
Serial I/O
DMAC
Key input interrupt
A-D convertor
Serial I/O
Timer
INT interrupt
M16C/60, M16C/20
series software
manual
(Note 5)
(Reserved)
+0 to +3 (000016 to 000316)
+44 to +47 (002C16 to 002F16)
+48 to +51 (003016 to 003316)
+52 to +55 (003416 to 003716)
+56 to +59 (003816 to 003B16)
+68 to +71 (004416 to 004716)
+72 to +75 (004816 to 004B16)
+76 to +79 (004C16 to 004F16)
+80 to +83 (005016 to 005316)
+84 to +87 (005416 to 005716)
+88 to +91 (005816 to 005B16)
+92 to +95 (005C16 to 005F16)
+96 to +99 (006016 to 006316)
+100 to +103 (006416 to 006716)
+104 to +107 (006816 to 006B16)
+108 to +111 (006C16 to 006F16)
+112 to +115 (007016 to 007316)
+116 to +119 (007416 to 007716)
+120 to +123 (007816 to 007B16)
+124 to +127 (007C16 to 007F16)
+128 to +131 (008016 to 008316)
+252 to +255 (00FC16 to 00FF16)
+40 to +43 (002816 to 002B16)
+60 to +63 (003C16 to 003F16)
+64 to +67 (004016 to 004316)
+20 to +23 (001416 to 001716)
+24 to +27 (001816 to 001B16)
+28 to +31 (001C16 to 001F16)
+32 to +35 (002016 to 002316)
+16 to +19 (001016 to 001316)
+36 to +39 (002416 to 002716)
to
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 5)
• Relocatable Vector Tables
The 256 bytes beginning with the start address set in the INTB register comprise a reloacatable vector
table area. Table 1.11.2 lists the relocatable vector tables. Setting an even address in the INTB regis-
ter results in the interrupt sequence being executed faster than in the case of odd addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com