Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 91 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 91 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 95Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupts
90
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Interrupt control circuit
KUPIC register
Key input interrupt
request
KI3
KI2
KI1
KI0
PUR2 register's PU25 bit
PD10 register's
PD10_7 bit
Pull-up
transistor
PD10 register's PD10_7 bit
PD10 register's
PD10_6 bit
PD10 register's
PD10_5 bit
PD10 register's
PD10_4 bit
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
Figure 1.11.11. Key Input Interrupt
______
NMI Interrupt
_______
_______
______
An NMI interrupt is generated when input on the NMI pin changes state from high to low. The NMI interrupt
is a non-maskable interrupt.
_______
The input level of this NMI interrupt input pin can be read by accessing the P8 register’s P8_5 bit.
This pin cannot be used as an input port.
Key Input Interrupt
Of P104 to P107, a key input interrupt is generated when input on any of the P104 to P107 pins which has
had the PD10 register’s PD10_4 to PD10_7 bits set to “0” (= input) goes low. Key input interrupts can be
used as a key-on wakeup function, the function which gets the microcomputer out of wait or stop mode.
However, if you intend to use the key input interrupt, do not use P104 to P107 as analog input ports. Figure
1.11.11 shows the block diagram of the key input interrupt. Note, however, that while input on any pin which
has had the PD10_4 to PD10_7 bits set to “0” (= input mode) is pulled low, inputs on all other pins of the port
are not detected as interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com