Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC702LP6CE Datasheet HTML 1Page - Analog Devices HMC702LP6CE Datasheet HTML 2Page - Analog Devices HMC702LP6CE Datasheet HTML 3Page - Analog Devices HMC702LP6CE Datasheet HTML 4Page - Analog Devices HMC702LP6CE Datasheet HTML 5Page - Analog Devices HMC702LP6CE Datasheet HTML 6Page - Analog Devices HMC702LP6CE Datasheet HTML 7Page - Analog Devices HMC702LP6CE Datasheet HTML 8Page - Analog Devices HMC702LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Table 3. Pin Description
Pin no.
Pin name
Pin type
Description
1
VccPrS
Supply
rF Prescaler Power Supply. nominally +3.3V
2
Vccoa
Supply
chargePump opamp Power Supply. nominally +5V
3
VPPcP
Supply
Power Supply for charge Pump. nominally +5V
4
cP
analog o/P
charge Pump output
5
GnDcP
GnD
Power Supply GnD for charge Pump
6
GnDDrV
GnD
charge Pump GnD
7
VPPDrV
Supply
Power supply for charge Pump, nominally +5V
8
VDDPD
Supply
Power Supply for Phase Detectors, nominally +5V
9
GnDPD
GnD
Power Supply GnD for Phase Detector
10, 20, 21
n/c
n/c
no connection
11
VDDPDV
Supply
Power Supply for Phase Detector Vco Path, nominally +5V
12
GnDPDV
GnD
Power Supply GnD for Phase Detector Vco Path
13
VDDPDr
Supply
Power Supply for Phase Detector ref Path, nominally +5V
14
GnDPDr
GnD
Power Supply GnD for Phase Detector ref Path
15
XrEFP
analog i/P
Square Wave crystal ref input
16
rVDD
Supply
Power Supply for ref Path, nominally +3.3V
17
XSin
analog i/P
Sinusoidal crystal reference input
18
rEFcaP
analog i/o
reference Path bypass
19
rStB
cMoS i/P
reset input (active low). cycle low for >tref to reset. recommended after power-up
22
DVDD
Supply
Digital Power Supply, nominally +3.3V
23
GPo1
Do
General Purpose output 1 with tristate
24
GPo2
Do
General Purpose output 2 with tristate
25
GPo3
Dio
General Purpose input/output with tristate
may be configured for External ramp trigger input. See register rEG 14h[5]
26
DVDDQ
Supply
Quiet Supply, nominal +3.3V, Zero current
27
SEn
cMoS i/P
Main Serial port enable input
28
SDi
cMoS i/P
Main Serial port data input
29
ScK
cMoS i/P
Main Serial port clock input
30
VSLE
Do
Leave pin disconnected.
31
VSDo
Do
Leave pin disconnected.
32
VScK
Do
Leave pin disconnected.
33
LD_SDo
cMoS o/P
Lock Detect or Main Serial Port Data output
34
DVDDio
Supply
Power Supply for digital i/o, matches external Digital Supply in 1.8V to 5.5V range
35
DVDD
Supply
internal Digital Power Supply. nominally 3.3V
36
GnDHF
GnD
Ground for rF
37
Vcoin
rF i/P
input to the rF prescaler
38
GnDHF
GnD
Ground for rF input
39
VccHF
Supply
rF Section Power Supply. nominally 3.3V
40
BiaS
analog i/P
Decoupling Pin for rF section, nominally external 1nF bypassed to VccHF
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com