Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 23 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices HMC702LP6CE Datasheet HTML 23Page - Analog Devices HMC702LP6CE Datasheet HTML 24Page - Analog Devices HMC702LP6CE Datasheet HTML 25Page - Analog Devices HMC702LP6CE Datasheet HTML 26Page - Analog Devices HMC702LP6CE Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
23
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
the frequency step size while ramping is controlled by rampstep, (Reg15h table 26).
Frequency Step Size Δƒstep = rampstep • fxtal / 2
23
•
R
where r is the value of the reference divider (rfp_div_ratio in table 9)
clearing or setting ramp_startdir_dn, (Reg14h<4> table 25), sets the initial ramp direction to be increasing or
decreasing in frequency respectively. Setting ramp_singledir (Reg14h<7> table 25), restricts the direction of the
sweep to the initial sweep direction only.
the sweeper timebase Tref is the period of the divided reference, fPFD, at the phase detector Tref
the total number of ramp steps taken in a single sweep is given by ramp_steps_number in reg16h table 27.
the total time to ramp from fo to ff is given by Tramp = Tref • ramp_steps_number
the final ramp frequency, ff, is given by ƒƒ = ƒi + Δƒstep • ramp_steps_number
Sweeper action at the end of sweep depends upon the mode of the sweep:
a. With both ramp_singledir and ramp_repeat_en disabled, at the end of the ramp time, Tramp,
the sweeper will dwell at the final frequency ff, until a new trigger is received. the next trigger will
reverse the current sequence, starting from ff, and stepping back to fo. odd triggers will ramp in the
same direction as the initial ramp, even triggers will ramp in the opposite direction.
b. with ramp_singledir enabled and ramp_repeat_en disabled, at the end of the ramp time, Tramp,
the sweeper will dwell at the final frequency ff, until a new trigger is received. the second trigger
will hop the synthesizer back to the initial frequency, fo. the third trigger will restart the sweep from
fo. Hence all odd numbered triggers will start a new ramp in the same direction as the initial ramp,
even numbered triggers will hop the synthesizer from the current frequency to fo , where it will wait
for a trigger to start a sweep.
Ramp Busy
in all types of sweeps ramp_busy will indicate an active sweep and will stay high between the 1st and nth ramp step.
ramp_busy may be monitored one of two ways. ramp_busy is readable via read only register Reg1Fh<5> table 36.
ramp_busy may also be monitored on GPo2, hardware pin 24, by setting Reg1Bh<3:0> =8h table 32.
Autosweep Mode
the autosweep mode is similar to Figure 16 except that once started, triggers are not required. once enabled, (ramp_
repeat_en=1 Reg14h<3> table 25) the autosweep mode initiates the first trigger, steps n times, one step per ref clock
cycle, and then waits for the programmed dwell period and automatically triggers the ramp in the opposite direction.
the sweep process continues alternating sweep directions until disabled. dwell_time (Reg17h table 28) controls the
number of Tref periods to wait at the end of the ramp before automatically retriggering a new sweep.
2-Way Sweeps
if ramp_repeat_en (Reg14h<3> table 25) is cleared, then the ramps are triggered by
a. Writing to ramp_trigg (Reg14h<2> table 25), if bit <2> = 0, or
b. by rising edge ttL signal input on GPo3, if ramp_trig_ext_en is set, and GPo3 is enabled.
all functions are the same in Figure 16 for autosweep or 2-Way triggered sweeps, the only difference is the trigger
source is generated internally for autosweep, and is input via serial port or GPo3 for triggered sweeps. Sweep_busy
will go high at the start of every ramp and stay high until the nth step in the ramp.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com