Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 25 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices HMC702LP6CE Datasheet HTML 23Page - Analog Devices HMC702LP6CE Datasheet HTML 24Page - Analog Devices HMC702LP6CE Datasheet HTML 25Page - Analog Devices HMC702LP6CE Datasheet HTML 26Page - Analog Devices HMC702LP6CE Datasheet HTML 27Page - Analog Devices HMC702LP6CE Datasheet HTML 28Page - Analog Devices HMC702LP6CE Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
25
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Single Step Ramp Mode
a Single Step 1-Way ramp is shown in Figure 18. in this mode, a trigger is required for each step of the ramp. Single
step will function in either 1-Way or 2-Way ramps. Similar to autosweep, the ramp_busy flag will go high on the first
trigger, and will stay high until the nth trigger. the n+1 trigger will cause the ramp to jump to the start frequency in
1-way ramp mode. the n+2 trigger will restart the 1-way ramp.
Figure 18. Single Step Ramp Mode
the user should be aware that the synthesized ramp is subject to normal phase locked loop dynamics. if the loop
bandwidth in use is much wider than the rate of the steps then the locking will be very fast and the ramp will have a
staircase shape. if the update rate is higher than the loop bandwidth, as is normally the case, then the loop will not
fully settle before a new frequency step is received. Hence the swept output will have a small lag and will sweep in a
near continuous fashion.
MAIN SERIAL PORT
the HMc702LP6cE features a four wire serial port for simple communication with the host controller. register types
may be read only, Write only, read/Write or Strobe, as described in the registers descriptions. the synthesizer also
features an auxiliary 3-wire serial port, known as the Vco Serial Port. the Vco Serial Port is a write only interface
from the synthesizer to an optional switched resonator Vco that supports 3-wire serial port control.
typical main serial port operation can be run with ScLK at speeds up to 50 MHz. Serial port registers are described
in the section rEGiStEr MaP.
LD_SDO Pin Operation
configuration of the LD_SDo pin requires manipulation of both reg2h[1:0] and reg1ah[13:12], as follows:
Serial data output (SDo) when a serial read occurs and high impedance at all other times:
reg2h[1:0] = 0x (x=don’t care)
reg1ah[13:12] = 0x (x=don’t care)
Serial data output (SDo) when a serial read occurs and LD status at all other times (LD_SDo pin automatically mux’ed
between LD and SDo):
reg2h[1:0] = 11
reg1ah[13:12] = 01
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com